Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGS4607DPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRGS4607DPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS4607DPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRGS4607DPBF Datasheet HTML 3Page - International Rectifier IRGS4607DPBF Datasheet HTML 4Page - International Rectifier IRGS4607DPBF Datasheet HTML 5Page - International Rectifier IRGS4607DPBF Datasheet HTML 6Page - International Rectifier IRGS4607DPBF Datasheet HTML 7Page - International Rectifier IRGS4607DPBF Datasheet HTML 8Page - International Rectifier IRGS4607DPBF Datasheet HTML 9Page - International Rectifier IRGS4607DPBF Datasheet HTML 10Page - International Rectifier IRGS4607DPBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
 
IRGR/S/B4607DPbF
7
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
November 14, 2014
200
400
600
800
1000
diF /dt (A/µs)
100
150
200
250
300
10
22
100
47
4.0A
8.0A
2.0A
9
10
1112131415
16
VGE (V)
0
5
10
15
20
25
0
5
10
15
20
25
Tsc
Isc
Fig. 21 - Typ. Diode QRR vs. diF/dt
VCC = 400V; VGE = 15V; TJ = 175°C
2
4
6
8
IF (A)
20
40
60
80
100
120
RG = 100
RG = 47
RG = 22
RG = 10
Fig. 22 - Typ. Diode ERR vs. IF
TJ = 175°C
200
400
600
800
1000
diF /dt (A/µs)
4
6
8
10
12
Fig. 20 - Typ. Diode IRR vs. diF/dt
VCC = 400V; VGE = 15V; IF = 4.0A; TJ = 175°C
2
3
4
5
6
7
8
IF (A)
4
6
8
10
12
14
RG = 47
RG = 10
RG = 22
RG = 
Fig. 18 - Typ. Diode IRR vs. IF
TJ = 175°C
0
20
40
60
80
100
RG (
4
6
8
10
12
Fig. 19 - Typ. Diode IRR vs. RG
TJ = 175°C
Fig. 23 - VGE vs. Short Circuit Time
VCC = 400V; TC = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com