Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGS4607DPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRGS4607DPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS4607DPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRGS4607DPBF Datasheet HTML 6Page - International Rectifier IRGS4607DPBF Datasheet HTML 7Page - International Rectifier IRGS4607DPBF Datasheet HTML 8Page - International Rectifier IRGS4607DPBF Datasheet HTML 9Page - International Rectifier IRGS4607DPBF Datasheet HTML 10Page - International Rectifier IRGS4607DPBF Datasheet HTML 11Page - International Rectifier IRGS4607DPBF Datasheet HTML 12Page - International Rectifier IRGS4607DPBF Datasheet HTML 13Page - International Rectifier IRGS4607DPBF Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
 
IRGR/S/B4607DPbF
10
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
November 14, 2014
Fig. WF1 - Typ. Turn-off Loss Waveform
@ TJ = 175°C using Fig. CT.4
Fig. WF2 - Typ. Turn-on Loss Waveform
@ TJ = 175°C using Fig. CT.4
Fig. WF4 - Typ. S.C. Waveform
@ TJ = 150°C using Fig. CT.3
Fig. WF3 - Typ. Diode Recovery Waveform
@ TJ = 175°C using Fig. CT.4
-6
-4
-2
0
2
4
6
-0.10 0.00
0.10
0.20
0.30
0.40
time (µs)
Peak
IRR
tRR
QRR
-2
0
2
4
6
8
10
12
-100
0
100
200
300
400
500
600
-0.3
0
0.3
0.6
time(µs)
80% ICE
10% VCE
10% ICE
Eoff Loss
tf
-2
0
2
4
6
8
10
12
-100
0
100
200
300
400
500
600
-0.3
0
0.3
0.6
time (µs)
TEST
CURRENT
90%
ICE
10% VCE
10%
ICE
tr
Eon Loss
-5
0
5
10
15
20
25
30
-100
0
100
200
300
400
500
600
-5
0
5
10
time (µs)
VCE
ICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com