Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM34 Datasheet(PDF) 13 Page - Connor-Winfield Corporation

Part # SM34
Description  8 REFERENCE SURFACE MOUNT STRATUM 3 MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM34 Datasheet(HTML) 13 Page - Connor-Winfield Corporation

Back Button SM34 Datasheet HTML 9Page - Connor-Winfield Corporation SM34 Datasheet HTML 10Page - Connor-Winfield Corporation SM34 Datasheet HTML 11Page - Connor-Winfield Corporation SM34 Datasheet HTML 12Page - Connor-Winfield Corporation SM34 Datasheet HTML 13Page - Connor-Winfield Corporation SM34 Datasheet HTML 14Page - Connor-Winfield Corporation SM34 Datasheet HTML 15Page - Connor-Winfield Corporation SM34 Datasheet HTML 16Page - Connor-Winfield Corporation SM34 Datasheet HTML 17Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
SM34 Data Sheet #:
TM095
Page 13
Rev:
05 Date: 11/19/12
© Copyright 2012 The Connor-Winfield Corp. All Rights Reserved
Specifications subject to change without notice
Register Descriptions and Operation
Chip_ID_low, 0x00 (R)
Bit 7 ~ Bit 0
LowbyteofchipID:0x12
Chip_ID_High, 0x01 (R)
Bit 7 ~ Bit 0
HighbyteofchipID:0x30
Chip_Revision, 0x02 (R)
Bit 7 ~ Bit 0
Chiprevisionnumber:0x06
Bandwidth_PBO, 0x03 (R/W)
Bit 7 ~ Bit 5
Bit 4
Bit 3 ~ Bit 0
Reserved
Reserved
BandwidthSelectioninHz:
0:Default
0000:0.025
0001:0.025
0010:0.025
0011:0.025
0100:0.025
0101:0.025
0110:0.049
0111:0.098(ResetDefault)
1000:0.20
1001:0.39
1010:0.78
1011-1111:1.6
BITS3-0selectthephaselockloopbandwidthinHertz.
Ctl_Mode, 0x04 (R/W)
Bit 7 ~ Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
Default:0
8k_Out
BITSClock
HMRef:
Active
Reserved
Pulsewidth
Output
0:Registercontrol
Reference
control:
Frequency:
ofopmode/ref
Selection:
0:50%
1:1.544MHz
(Willalways
1:Manual
1:Controlledby
0:2.048MHz
be0)
0:Automatic
FR_Pulse_Width
(readonly)
Default:1
register
Default:0
Whenbit1isreset(automaticreferenceandmodeselection),Bits3-0oftheOp_Moderegisterbecomeread-
only.Thepower-updefaultforBit1=1formanualreferenceselectionanddefaultforBit4=0for50%dutycycleon
8k_Out.
Whenthedeviceisinslavemode,itwilllocktotheM/SREF,independentofthevalueswrittentoBITS3-0
oftheOp_moderegister.TheoperationalmodeandreferenceselectionwrittentoBits3-0whileinslavemodewill,
however,takeeffectwhenthedeviceismadethemaster.
Whenbit1oftheCtl_Moderegisterisreset(automaticreferenceandmodeselection)andthedeviceisinmas-
termode,BITS3-0oftheOp_Moderegisterbecomeread-only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com