Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM34 Datasheet(PDF) 23 Page - Connor-Winfield Corporation

Part # SM34
Description  8 REFERENCE SURFACE MOUNT STRATUM 3 MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM34 Datasheet(HTML) 23 Page - Connor-Winfield Corporation

Back Button SM34 Datasheet HTML 19Page - Connor-Winfield Corporation SM34 Datasheet HTML 20Page - Connor-Winfield Corporation SM34 Datasheet HTML 21Page - Connor-Winfield Corporation SM34 Datasheet HTML 22Page - Connor-Winfield Corporation SM34 Datasheet HTML 23Page - Connor-Winfield Corporation SM34 Datasheet HTML 24Page - Connor-Winfield Corporation SM34 Datasheet HTML 25Page - Connor-Winfield Corporation SM34 Datasheet HTML 26Page - Connor-Winfield Corporation SM34 Datasheet HTML 27Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
SM34 Data Sheet #:
TM095
Page 23
Rev:
05 Date: 11/19/12
© Copyright 2012 The Connor-Winfield Corp. All Rights Reserved
Specifications subject to change without notice
SM34 Initialization:
Power-up:
1. If possible, always start up in master mode. After the module is powered up, hold the reset pin low for 10ms. Wait 1200ms
and read the contents of register 0x33. If it reads1 then the module came up properly. If it reads 0 then reset the module and re-read
register 0x33 after 1200ms. The contents of 0x33 must read 1 before continuing.
2. Remain in the default free-run mode for 10 seconds then read the value of bit 1 of register 0x11 or pin 2, the LOL alarm output.
If the LOL alarm is set, the reset pin must be pulled low as in 1 above. In the free-run mode the LOL alarm should never be set. This
indicates the module is in an invalid state. If there is no LOL alarm in free-run the module is ready.
Operation:
On power up or after a reset all the registers are loaded with their default values. The default values of some important registers
are given below assuming the SM34 module operates as a Master
Address(Hex)
Register Name
Value(Binary MSB first)
Notes
0x03
Bandwidth_PBO
00000111
Bandwidth = 0.098Hz
0x04
Ctl_Mode
0000r010
r - Read Only
0x05
Op_Mode
00010000
Indicates Free run mode
0x06
Max_Pullin_Range
01100100
0x0b
Ref_Mask
00000000
0x0d
Ref_Rev_Delay
00000101
0x0e
Phase_Offset
00000000
0x0f
Calibration
00000000
0x11
DPLL_Status
00000000
Indicates No Active Reference
0x13
Intr_Enable
00000000
Indicates Interrupts are disabled
0x1c-0x23
Ref(1-8)_Frq_Priority
xxxx0000
Frequencies are auto detected
0x33
Chksum
xxxxxxx1
Bit0 should be high to indicate that
data has been loaded
correctly from the EEPROM.
Performance Specifications continued
Capture range and Lock range – Capture range and lock range are the maximum frequency errors on the reference input within
which the phase locked loop is able to achieve lock and hold lock, respectively. The SM34 Stratum 3 performance is shown below:
Characteristic
SM34
Requirement
Capturerange
±25.5ppmmaximum
GR-1244-CORE,Sec3.4
Holdrange
±25.5ppmmaximum
GR-1244-CORE,Sec3.4
This is the minimum capability, and guarantees the ability to capture and lock with a reference that is offset the maximum allowed in
one direction in the presence of a clock that is offset the maximum in the opposite direction (4.6 ppm + 4.6 ppm = 9.2 ppm).
Master/Slave Skew and Reference switch settling time– Master/Slave Skew and Reference switch settling time performance
are shown below:
Characteristic
SM34
Requirement
Master/Slavephaseskew
<2nS
N/A
Referenceswitchsettlingtime
Stratum3:<100sec.upto20ppm
Stratum3:<100sec.up
frequencyoffset
to+/-4.6ppmfrequencyoffset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com