Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM34 Datasheet(PDF) 5 Page - Connor-Winfield Corporation

Part # SM34
Description  8 REFERENCE SURFACE MOUNT STRATUM 3 MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM34 Datasheet(HTML) 5 Page - Connor-Winfield Corporation

  SM34 Datasheet HTML 1Page - Connor-Winfield Corporation SM34 Datasheet HTML 2Page - Connor-Winfield Corporation SM34 Datasheet HTML 3Page - Connor-Winfield Corporation SM34 Datasheet HTML 4Page - Connor-Winfield Corporation SM34 Datasheet HTML 5Page - Connor-Winfield Corporation SM34 Datasheet HTML 6Page - Connor-Winfield Corporation SM34 Datasheet HTML 7Page - Connor-Winfield Corporation SM34 Datasheet HTML 8Page - Connor-Winfield Corporation SM34 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
SM34 Data Sheet #:
TM095
Page 5
Rev:
05 Date: 11/19/12
© Copyright 2012 The Connor-Winfield Corp. All Rights Reserved
Specifications subject to change without notice
Register Map
Table 6
Address
Reg Name
Description
Type
0x00
Chip_ID_Low
LowbyteofchipID
R
0x01
Chip_ID_High
HighbyteofchipID
R
0x02
Chip_Revision
Chiprevisionnumber
R
0x03
Bandwidth_PBO
Bandwidth&PhaseBuild-Outoption
R/W
0x04
Ctl_Mode
ManualorautomaticselectionofOp_Mode,BITSclockoutputfrequency
R/W
indication,andframe/multi-framesyncpulsewidthmodecontrol
0x05
Op_Mode
MasterFreeRun,Locked,orHoldOvermode,orSlavemode
R/W
0x06
Max_Pullin_Range
Maximumpull-inrangein0.1ppmunits
R/W
0x07
M/SInput_Activity
CrossReferenceactivity
R
0x08
Ref_Activity
Activitiesof8referenceinputs
R
0x09
Ref_Pullin_Sts
Inoroutofpull-inrangeof8referenceinputs
R
0x0a
Ref_Qualified
Qualificationof8referenceinputs
R
0x0b
Ref_Mask
Availabilitymaskfor8referenceinputs
R/W
Pin Diagram
Figure 2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
(TOP VIEW)
SM34
LOS
LOL
MASTER SELECT
M/S REF
REF 1
REF 2
REF 3
REF 4
GND
HOLD_GOOD
REF 5
REF 6
REF 7
REF 8
TDI
VPP
VPN
SPI_IN
VCC
SPI_OUT
RESET
SPI_ENBL
SPI_IN
SPI_CLK
VCC
TMS
TCK
TDO
BITS_SEL
8K_OUT
BITS_CLK
GND
OUTPUT 1
TRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com