Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM34 Datasheet(PDF) 3 Page - Connor-Winfield Corporation

Part # SM34
Description  8 REFERENCE SURFACE MOUNT STRATUM 3 MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM34 Datasheet(HTML) 3 Page - Connor-Winfield Corporation

  SM34 Datasheet HTML 1Page - Connor-Winfield Corporation SM34 Datasheet HTML 2Page - Connor-Winfield Corporation SM34 Datasheet HTML 3Page - Connor-Winfield Corporation SM34 Datasheet HTML 4Page - Connor-Winfield Corporation SM34 Datasheet HTML 5Page - Connor-Winfield Corporation SM34 Datasheet HTML 6Page - Connor-Winfield Corporation SM34 Datasheet HTML 7Page - Connor-Winfield Corporation SM34 Datasheet HTML 8Page - Connor-Winfield Corporation SM34 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
SM34 Data Sheet #:
TM095
Page 3
Rev:
05 Date: 11/19/12
© Copyright 2012 The Connor-Winfield Corp. All Rights Reserved
Specifications subject to change without notice
Absolute Maximum Ratings
Table 1
Paramater
Min.
Max.
Units
Notes
Vcc
3.3VVccSupplyInput
-0.3
4.0
Volts
1
Vin
ReferenceandLogicinputvoltage
-0.5
Vcc+0.5
Volts
1
STG
StorageTemperature
-40
85
°C
1
Note 1: Stresses beyond those listed under “”Absolute Maximum Ratings”” may cause permanent damage to the device. Exposure to absolute
maximum rated conditions for extended periods may affect device reliability. Devices should not be operated outside the recommended
operating conditions.”
Recommended Operating Conditions and Electrical Characteristics
Table 2
Symbol
Parameter
Min.
Nominal
Max.
Units
Notes
Top
OperatingTemperatureRange
0
70
°C
Vcc
3.3VVccSupplyInput
3.135
3.3
3.465
Volts
Icc
3.3VSupplyCurrent
-
40
60
mA
Pd
PowerDissipation
-
0.130
0.200
W
LVCMOS I/O Characteristics
Table 3
Symbol
Parameter
Min.
Nominal
Max.
Units
Notes
Vih
InputVoltageHigh
2.00
-
-
V
Vil
InputVoltageLow
-
-
0.80
V
Cin
InputCapacitance
-
-
10
pf
Voh
OutputVoltageHigh(Ioh=-8mA)
2.4
-
-
V
Vol
OutputVoltageLow(Iol=8mA)
-
-
0.4
V
Ioh
OutputCurrentHigh
-
-
-8
mA
Iol
OutputCurrentLow
-
-
8
mA
tr
Outputrisetime
-
-
2
ns
tf
Outputfalltime
-
-
2
ns
Cout
OutputLoadCapacitance
-
-
15
pf
Performance Specifications
Table 4
Parameter
Specification
Units
ReferenceFrequency1-8
.008-77.76
MHz
M/SInputReference
.008-77.76
MHz
InputReferencePulseWidth(min)
10
ns
ReferenceQualificationTime
10
seconds
OutputFrequency#1
.008-77.76
MHz
M/S_Out
8
kHz
BITS_Clk
1.544/2.048(selectable)
MHz
FreeRunAccuracy
4.6
ppm
HoldOverStability(25°C/24hours)
50
ppb
HoldOverStability(overtemp)
0.28
ppm
HoldOverStability(initial)
40
ppb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com