Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM34 Datasheet(PDF) 17 Page - Connor-Winfield Corporation

Part # SM34
Description  8 REFERENCE SURFACE MOUNT STRATUM 3 MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM34 Datasheet(HTML) 17 Page - Connor-Winfield Corporation

Back Button SM34 Datasheet HTML 13Page - Connor-Winfield Corporation SM34 Datasheet HTML 14Page - Connor-Winfield Corporation SM34 Datasheet HTML 15Page - Connor-Winfield Corporation SM34 Datasheet HTML 16Page - Connor-Winfield Corporation SM34 Datasheet HTML 17Page - Connor-Winfield Corporation SM34 Datasheet HTML 18Page - Connor-Winfield Corporation SM34 Datasheet HTML 19Page - Connor-Winfield Corporation SM34 Datasheet HTML 20Page - Connor-Winfield Corporation SM34 Datasheet HTML 21Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
SM34 Data Sheet #:
TM095
Page 17
Rev:
05 Date: 11/19/12
© Copyright 2012 The Connor-Winfield Corp. All Rights Reserved
Specifications subject to change without notice
Register Descriptions and Operation continued
Intr_Event, 0x12 (R)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Lossof
Lossof
Activerefer-
DPLLMode
M/SRef
M/SRef
Anyrefer-
Anyrefer-
Lock
Signal
encechange
status
Changefrom
Changefrom erencechange erencechange
change
noactivityto
activitytono
fromnot
fromavailable
noactivity
activity
availableto
abletonot
available
available
Interruptstate=1.Whenanenabledinterruptoccurs,theSPI_INTpinisasserted,activelow.Allinterruptsarecleared
andtheSPI_INTpinpulledhighwhentheregisterisread.Resetdefaultis0.SeeDetailedDescriptionsectionunder
InterruptsandReferenceChangeinAutonomousModeandInterruptsinManualMode
Intr_Enable, 0x13 (R/W)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EnableInter- EnableInter-
EnableInter- EnableInter- EnableInter-
EnableInter-
EnableInter-
EnableInter-
ruptevent7: ruptevent6:
ruptevent5: ruptevent4: ruptevent3:
ruptevent2:
ruptevent1:
ruptevent0:
1:Enable
1:Enable
1:Enable
1:Enable
1:Enable
1:Enable
1:Enable
1:Enable
0:Disable
0:Disable
0:Disable
0:Disable
0:Disable
0:Disable
0:Disable
0:Disable
Default:0
Default:0
Default:0
Default:0
Default:0
Default:0
Default:0
Default:0
EnablesordisablesthecorrespondinginterruptsfromassertingtheSPI_INTpin.Interrupteventsstillappearinthe
Intr_Eventregisterindependentoftheir“enable”state.Resetdefaultisinterruptsdisabled.
Ref(1-8)_Frq_Offset, 0x14 ~ 0x1b (R)
Bit 7 ~ Bit 0
2’scomplementvalueoffrequencyoffsetbetweenreferenceandcalibratedlocaloscillator,0.2ppmresolution
Theseregistersindicatethefrequencyoffset,in0.2ppmresolution,betweeneachreferenceandthelocalcalibrated
oscillator.0x14-0x1bcorrespondtoRef1-Ref8.
Ref(1-8)_Frq_Priority, 0x1c ~ 0x23 (R/W)
Bit 7 ~ Bit 4
Bit 3
Bit 2 ~ Bit 0
Frequency
Revertivity
Priority
0000:None
1:revertive
000:Highest
0001:8kHz
0:non-revertive
111:Lowest
0010:1.544MHz
Default:0,
Default:0
0011:2.048MHz
nonrevertive
0100:12.96MHz
0101:19.44MHz
0110:25.92MHz
0111:38.88MHz
1000:51.84MHz
1001:77.76MHz
1010-1111:Reserved
BITS2-0indicatethepriorityofeachreferenceforuseinautomaticreferenceselectionmode(bit1oftheCtl_Mode
register=0).Inmanualreferenceselectionmode(bit1oftheCtl_Moderegister=1),theseBITSareread-onlyandwill
containeithertheresetdefaultorvalueswrittenwhenlastinautomaticreferenceselectionmode.Forequalpriority
values,lowerreferencenumbershavehigherpriority.
Bit3specifiesifthereferenceisrevertiveornon-revertiveinautomaticreferenceselectionmode.Whenareference
fails,thenexthighestpriority“available”(signalpresent,non-masked,andacceptablefrequencyoffset)referencewill
beselected.Whenareferencereturns,itwillbeswitchedtoonlyifitisofhigherpriorityandthecurrentactivereference
ismarked“Revertive”.
BITS7-4indicatetheauto-detectedfrequencyforeachreference.Invalidfrequenciesmayresultinerroneous
deviceoperation.Ifthereisnoactivityonareference,bits7-4willbe=0000.Bits7-4arereadonly.0x1c-0x23
correspondtoRef1-Ref8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com