Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM34 Datasheet(PDF) 4 Page - Connor-Winfield Corporation

Part # SM34
Description  8 REFERENCE SURFACE MOUNT STRATUM 3 MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM34 Datasheet(HTML) 4 Page - Connor-Winfield Corporation

  SM34 Datasheet HTML 1Page - Connor-Winfield Corporation SM34 Datasheet HTML 2Page - Connor-Winfield Corporation SM34 Datasheet HTML 3Page - Connor-Winfield Corporation SM34 Datasheet HTML 4Page - Connor-Winfield Corporation SM34 Datasheet HTML 5Page - Connor-Winfield Corporation SM34 Datasheet HTML 6Page - Connor-Winfield Corporation SM34 Datasheet HTML 7Page - Connor-Winfield Corporation SM34 Datasheet HTML 8Page - Connor-Winfield Corporation SM34 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
SM34 Data Sheet #:
TM095
Page 4
Rev:
05 Date: 11/19/12
© Copyright 2012 The Connor-Winfield Corp. All Rights Reserved
Specifications subject to change without notice
Pin Description
Table 5
Pin #
I/O
Pin Name
Pin Description
1
O
LOS
AlarmOutput-LossofActiveReferenceSignal
2
O
LOL
AlarmOutput-LossofLock
3
I
MASTERSELECT
Master/Slaveselectinput–1=Master,0=Slave
4
I
M/SREF
Master/SlaveReferenceInput
5
I
REF1
ReferenceInput1–8kHzto77.76MHzautodetected
6
I
REF2
ReferenceInput2–8kHzto77.76MHzautodetected
7
I
REF3
ReferenceInput3–8kHzto77.76MHzautodetected
8
I
REF4
ReferenceInput4–8kHzto77.76MHzautodetected
9
GND
ModuleGround
10
O
HOLD_GOOD
HoldoverGoodOutputFlag–1=HoldoverAvailable
11
I
REF5
ReferenceInput5–8kHzto77.76MHzautodetected
12
I
REF6
ReferenceInput6–8kHzto77.76MHzautodetected
13
I
REF7
ReferenceInput7–8kHzto77.76MHzautodetected
14
I
REF8
ReferenceInput8–8kHzto77.76MHzautodetected
15
TDI
JTAGTDIpin
16
NC
NoConnection.
17
NC
NoConnection.
18
TRST
JTAGTRSTpin
19
O
OUTPUT1
SynchronousPrimaryOutput
20
GND
ModuleGround
21
O
BITS_CLK
1.544or2.048MHzoutputselectedbypin14
22
O
8K_OUT
Master/Slave8kHzoutput
23
I
BITS_SEL
BITS_CLKselectinput–1=1.544MHz,0=2.048MHz,4.7kOhmPull-up
24
TDO
JTAGTDOpin
25
TCK
JTAGTCKpin
26
TMS
JTAGTMSpin
27
VCC
3.3VdcVCCSupplyInput
28
I
SPI_CLK
SPIPortClockinput
29
I
SPI_IN
SPIPortDatainput
30
I
SPI_ENBL
SPIPortEnableinput–ActiveLow,4.7kOhmPull-up
31
I
RESET
ModuleReset–ActiveLow,4.7kOhmPull-up
32
O
SPI_OUT
SPIPortDataOutput
33
O
SPI_INT
SPIPortInterruptOutput
34
VCC
3.3VdcVCCSupplyInput



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com