Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM34 Datasheet(PDF) 28 Page - Connor-Winfield Corporation

Part # SM34
Description  8 REFERENCE SURFACE MOUNT STRATUM 3 MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM34 Datasheet(HTML) 28 Page - Connor-Winfield Corporation

Back Button SM34 Datasheet HTML 23Page - Connor-Winfield Corporation SM34 Datasheet HTML 24Page - Connor-Winfield Corporation SM34 Datasheet HTML 25Page - Connor-Winfield Corporation SM34 Datasheet HTML 26Page - Connor-Winfield Corporation SM34 Datasheet HTML 27Page - Connor-Winfield Corporation SM34 Datasheet HTML 28Page - Connor-Winfield Corporation SM34 Datasheet HTML 29Page - Connor-Winfield Corporation SM34 Datasheet HTML 30Page - Connor-Winfield Corporation SM34 Datasheet HTML 31Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
SM34 Data Sheet #:
TM095
Page 28
Rev:
05 Date: 11/19/12
© Copyright 2012 The Connor-Winfield Corp. All Rights Reserved
Specifications subject to change without notice
Application Notes continued
Boundary Scan IEEE1149.1-2001 (Limited Testability Support) - This module exposes a boundary scan chain which contains
one or more boundary scan testable IEEE1149.1-2001 complaint devices. The exposed boundary scan chain is IEEE1149.1-2001
compliant, and supports all documented testing modes of devices contained within chain. Integration of this module into an existing
boundary scan chain will require the following.
- Substitution of modules footprint with provided testability model schematic.
- Modified net list will need to be loaded into boundary scan test vector generation software.
Testability Model Schematic and BSDL file(s) can be obtained directly from factory.
Control Modes
The device can in turn be operated in a manual control mode, or automatic control and reference selection mode.
Reset may be pulled low for a minimum of 10ms during start-up (or any other desired time) to initialize the full device state.
However, power-up will also perform a reset, so in a minimal configuration,
Reset may be tied input high.
The BITS clock output frequency is selected by the
BITS_SEL pin. When BITS_SEL = 1, the BITS frequency is 1.544 MHz, and
when
BITS_SEL = 0, the BITS frequency is 2.048 MHz.
MASTER SELECT- Determines the master or slave mode. Set to “1” for a master, and “0” for a slave. Master/slave switches
should be performed with minimal delay between switching the states of each of the two devices. This can be easily accomplished, for
example, by controlling the master/slave state with a single signal, coupled to one of the devices through an inverter.
For simplex operation, the device should be in Master mode - set
MASTER SELECT to “1”.
Holdover History Accumulation and Maintenance continued – Whenever holdover is entered, it is the Active Holdover History
that is used to determine the holdover frequency. The
History_Cmd register allows the application to issue three holdover history
control commands:
1) Save the Active Holdover History to the Backup History.
2) Restore a Backup History to the Active.
3) Flush the active History as well as the accumulation register. The Backup history remains intact.
Both the Active and the Backup holdover histories are loaded with the calibrated freerun synthesizer control data on reset/power-up.
The application might use the save to backup
History_Cmd 01 in a situation where, for example, the primary reference is known
to be of higher quality than any secondary references, in which case it may be desirable to save and then restore the holdover history
accumulated on the primary reference if the primary reference is lost and holdover is entered upon loss of a secondary reference.
Users can restore the history from backup any time, even while operating in Holdover mode. The frequency transient will be smooth
and continuous. It is the responsibility of application software to keep track of the age and viability of the holdover backup history.
Given time and temperature effects on oscillator aging, the application may wish to periodically perform a Save,
History_Cmd 01, of
the Active history to keep the backup current.
When switching to a new reference, the active holdover history will remain intact and marked as Holdover Available,
DPLL_Status 03,
(if it was available before the reference switch) until a new history is accumulated on the new reference (Typically 15 minutes after lock
has been achieved). During the new history accumulation, the Holdover Build Complete,
DPLL_Status 04, bit is reset. Once the new
history accumulation is complete, it is transferred to the Active History and the Holdover Build Complete bit is set. The active history
will then continue to be updated to track the reference.
The
History_Policy register allows the application to control how a new history is built. When set to Rebuild:
1) History accumulation begins when lock is achieved on the new reference.
2) The holdover history is rebuilt (taking about 15 minutes). The Active History remains untouched,
History_Policy 00, until it is
replaced when the build is complete.
When the
History_Policy 00 is set to Continue:
1) If there is no Available Active History,
DPLL_Status 03, a new build occurs, as under the Rebuild policy, History_Policy 00.
2) If there is an Available Active History, it will continue, the accumulation register will be loaded from the Active History, and the
Build process is essentially completed immediately following lock on the new reference.
The Continue policy may be used by the application if, for example, it is known that the reference switched to may be traced to the
same source and therefore likely has no frequency offset from the prior reference. In that case, the Continue policy avoids the delay
of rebuilding the holdover history. If the switch is likely to be between references with known or unknown frequency offset, then it is
preferable to use the Rebuild policy.
The time since the holdover state was entered may be read from the
Holdover_Time register. Values are from 0 to 255 hours,
limited at 255, and reset to 0 when not in the holdover state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com