Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5041AEAI Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5041AEAI
Description  Dual-Phase, Parallelable, Average-Current-Mode Controllers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5041AEAI Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5041AEAI Datasheet HTML 9Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 10Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 11Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 12Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 13Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 14Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 15Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 16Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Dual-Phase, Parallelable, Average-Current-Mode
Controllers
______________________________________________________________________________________
13
VIN and VCC
The MAX5038A/MAX5041A accept an input voltage
range of +4.75V to +5.5V or +8V to +28V. All internal
control circuitry operates from an internally regulated
nominal voltage of +5V (VCC). For input voltages of +8V
or greater, the internal VCC regulator steps the voltage
down to +5V. The VCC output voltage is a regulated +5V
output capable of sourcing up to 80mA. Bypass VCC to
SGND with 4.7µF and 0.1µF low-ESR ceramic capacitors
in parallel for high-frequency noise rejection and stable
operation (Figures 1 and 2).
Calculate power dissipation in the MAX5038A/
MAX5041A as a product of the input voltage and the
total VCC regulator output current (ICC). ICC includes
quiescent current (IQ) and gate drive current (IDD):
PD = VIN x ICC
ICC = IQ + fSW x (QG1 + QG2 + QG3 + QG4)
where QG1, QG2, QG3, and QG4 are the total gate
charge of the low-side and high-side external
MOSFETs, IQ is 4mA (typ), and fSW is the switching fre-
quency of each individual phase.
For applications utilizing a +5V input voltage, disable
the VCC regulator by connecting IN and VCC together.
Undervoltage Lockout (UVLO)/Soft-Start
The MAX5038A/MAX5041A include an undervoltage
lockout with hysteresis and a power-on reset circuit for
converter turn-on and monotonic rise of the output volt-
age. The UVLO threshold is internally set between
+4.0V and +4.5V with a 200mV hysteresis. Hysteresis
at UVLO eliminates “chattering” during startup.
Most of the internal circuitry, including the oscillator,
turns on when the input voltage reaches +4V. The
MAX5038A/MAX5041A draw up to 4mA of current before
the input voltage reaches the UVLO threshold.
The compensation network at the current-error ampli-
fiers (CLP1 and CLP2) provides an inherent soft-start of
the output voltage. It includes a parallel combination of
capacitors (C28, C30) and resistors (R5, R6) in series
with other capacitors (C27, C29) (see Figures 1 and 2).
The voltage at CLP_ limits the maximum current avail-
able to charge output capacitors. The capacitor on
CLP_ in conjunction with the finite output-drive current
of the current-error amplifier yields a finite rise time for
the output current and thus the output voltage.
Internal Oscillator
The internal oscillator generates the 180° out-of-phase
clock signals required by the pulse-width modulation
(PWM) circuits. The oscillator also generates the 2VP-P
voltage ramp signals necessary for the PWM compara-
tors. Connect CLKIN to SGND to set the internal oscillator
frequency to 250kHz or connect CLKIN to VCC to set the
internal oscillator to 500kHz.
CLKIN is a CMOS logic clock input for the phase-
locked loop (PLL). When driven externally, the internal
oscillator locks to the signal at CLKIN. A rising edge at
CLKIN starts the ON cycle of the PWM. Ensure that the
external clock pulse width is at least 200ns. CLKOUT
provides a phase-shifted output with respect to the ris-
ing edge of the signal at CLKIN. PHASE sets the
amount of phase shift at CLKOUT. Connect PHASE to
VCC for 120° of phase shift, leave PHASE unconnected
for 90° of phase shift, or connect PHASE to SGND for
60° of phase shift with respect to CLKIN.
The MAX5038A/MAX5041A require compensation on
PLLCMP even when operating from the internal oscillator.
The device requires an active PLL in order to generate
the proper clock signal required for PWM operation.
Control Loop
The MAX5038A/MAX5041A use an average-current-
mode control scheme to regulate the output voltage
(Figures 3a and 3b). The main control loop consists of
an inner current loop and an outer voltage loop. The
inner loop controls the output currents (IPHASE1 and
IPHASE2) while the outer loop controls the output volt-
age. The inner current loop absorbs the inductor pole
reducing the order of the outer voltage loop to that of a
single-pole system.
The current loop consists of a current-sense resistor
(RS), a current-sense amplifier (CA_), a current-error
amplifier (CEA_), an oscillator providing the carrier
ramp, and a PWM comparator (CPWM_). The precision
CA_ amplifies the sense voltage across RS by a factor
of 18. The inverting input to the CEA_ senses the CA_
output. The CEA_ output is the difference between the
voltage-error amplifier output (EAOUT) and the ampli-
fied voltage from the CA_. The RC compensation net-
work connected to CLP1 and CLP2 provides external
frequency compensation for the respective CEA_. The
start of every clock cycle enables the high-side drivers
and initiates a PWM ON cycle. Comparator CPWM_
compares the output voltage from the CEA_ with a 0 to
+2V ramp from the oscillator. The PWM ON cycle termi-
nates when the ramp voltage exceeds the error voltage.
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com