Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5041AEAI Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX5041AEAI
Description  Dual-Phase, Parallelable, Average-Current-Mode Controllers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5041AEAI Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX5041AEAI Datasheet HTML 14Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 15Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 16Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 17Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 18Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 19Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 20Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 21Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Dual-Phase, Parallelable, Average-Current-Mode
Controllers
18
______________________________________________________________________________________
Overload Conditions
Average-current-mode control has the ability to limit the
average current sourced by the converter during a fault
condition. When a fault condition occurs, the VEA out-
put clamps to +0.9V with respect to the common-mode
voltage (VCM = +0.6V) and is compared with the output
of the current-sense amplifiers (CA1 and CA2) (see
Figures 3a and 3b). The current-sense amplifier’s gain
of 18 limits the maximum current in the inductor or
sense resistor to ILIMIT = 50mV/RS.
Parallel Operation
For applications requiring large output current, parallel
up to three MAX5038A/MAX5041As (six phases) to triple
the available output current. The paralleled converters
operate at the same switching frequency but different
phases keep the capacitor ripple RMS currents to a mini-
mum. Three parallel MAX5038A/MAX5041A converters
deliver up to 180A of output current. To set the phase
shift of the on-board PLL, leave PHASE unconnected for
90° of phase shift (two paralleled converters), or connect
PHASE to SGND for 60° of phase shift (three converters
in parallel). Designate one converter as master and the
remaining converters as slaves. Connect the master and
slave controllers in a daisy-chain configuration as shown
in Figure 6. Connect CLKOUT from the master controller
to CLKIN of the first slaved controller, and CLKOUT from
the first slaved controller to CLKIN of the second slaved
controller. Choose the appropriate phase shift for mini-
mum ripple currents at the input and output capacitors.
The master controller senses the output differential volt-
age through SENSE+ and SENSE- and generates the
DIFF voltage. Disable the voltage sensing of the slaved
controllers by leaving DIFF unconnected (floating).
Figure 7 shows a detailed typical parallel application cir-
cuit using two MAX5038As. This circuit provides four
phases at an input voltage of +12V and an output volt-
age range of +1V to +3.3V at 104A.
Applications Information
Each MAX5038A/MAX5041A circuit drives two 180° out-
of-phase channels. Parallel two or three MAX5038A/
MAX5041A circuits to achieve four- or six-phase opera-
tion, respectively. Figure 1 shows the typical application
circuit for a two-phase operation. The design criteria for
a two-phase converter includes frequency selection,
inductor value, input/output capacitance, switching
MOSFETs, sense resistors, and the compensation net-
work. Follow the same procedure for the four- and six-
phase converter design, except for the input and output
capacitance. The input and output capacitance require-
ments vary depending on the operating duty cycle.
The examples discussed in this data sheet pertain to a
typical application with the following specifications:
VIN = +12V
VOUT = +1.8V
IOUT(MAX) = 52A
fSW = 250kHz
Peak-to-Peak Inductor Current (
∆IL) = 10A
Table 1 shows a list of recommended external compo-
nents (Figure 1) and Table 2 provides component sup-
plier information.
Number of Phases
Selecting the number of phases for a voltage regulator
depends mainly on the ratio of input-to-output voltage
(operating duty cycle). Optimum output-ripple cancella-
tion depends on the right combination of operating duty
cycle and the number of phases. Use the following
equation as a starting point to choose the number of
phases:
NPH
≈ K/D
where K = 1, 2, or 3 and the duty cycle is D = VOUT/VIN.
Choose K to make NPH an integer number. For exam-
ple, converting VIN = +12V to VOUT = +1.8V yields
better ripple cancellation in the six-phase converter
than in the four-phase converter. Ensure that the output
load justifies the greater number of components for
multiphase conversion. Generally limiting the maximum
output current to 25A per phase yields the most cost-
effective solution. The maximum ripple cancellation
occurs when NPH = K/D.
Single-phase conversion requires greater size and power
dissipation for external components such as the switch-
ing MOSFETs and the inductor. Multiphase conversion
eliminates the heatsink by distributing the power dissipa-
tion in the external components. The multiple phases
operating at given phase shifts effectively increase the
switching frequency seen by the input/output capacitors,
thereby reducing the input/output capacitance require-
ment for the same ripple performance. The lower induc-
tance value improves the large-signal response of the
converter during a transient load at the output. Consider
all these issues when determining the number of phases
necessary for the voltage regulator application.
Inductor Selection
The switching frequency per phase, peak-to-peak rip-
ple current in each phase, and allowable ripple at the
output determine the inductance value.
(12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com