Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5041AEAI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5041AEAI
Description  Dual-Phase, Parallelable, Average-Current-Mode Controllers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5041AEAI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5041AEAI Datasheet HTML 1Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 2Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 3Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 4Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 5Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 6Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 7Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 8Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Dual-Phase, Parallelable, Average-Current-Mode
Controllers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V, circuit of Figure 1, TA = -40°C to +85°C, unless otherwise noted. Typical specifications are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VOLTAGE-ERROR AMPLIFIER (EAOUT)
Open-Loop Gain
AVOL(EA)
70
dB
Unity-Gain Bandwidth
fUGEA
3
MHz
EAN Input Bias Current
IB(EA)
VEAN = +2.0V
-100
+100
nA
Error-Amplifier Output Clamping
Voltage
VCLAMP(EA) With respect to VCM
810
918
mV
THERMAL SHUTDOWN
Thermal Shutdown
TSHDN
150
°C
Thermal-Shutdown Hysteresis
8
°C
EN INPUT
EN Input Low Voltage
VENL
1V
EN Input High Voltage
VENH
3V
EN Pullup Current
IEN
4.5
5
5.5
µA
Note 1: Specifications from -40°C to 0°C are guaranteed by characterization but not production tested.
Note 2: Guaranteed by design. Not production tested.
Note 3: See Peak-Current Comparator section.
Note 4: Does not include an error due to finite error amplifier gain (see the Voltage-Error Amplifier section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com