Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5041AEAI Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX5041AEAI
Description  Dual-Phase, Parallelable, Average-Current-Mode Controllers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5041AEAI Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX5041AEAI Datasheet HTML 12Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 13Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 14Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 15Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 16Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 17Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 18Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 19Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Dual-Phase, Parallelable, Average-Current-Mode
Controllers
16
______________________________________________________________________________________
Differential Amplifier
The differential amplifier (DIFF AMP) facilitates output
voltage remote sensing at the load (Figures 3a and 3b).
It provides true differential output voltage sensing while
rejecting the common-mode voltage errors due to high-
current ground paths. Sensing the output voltage
directly at the load provides accurate load voltage
sensing in high-current environments. The VEA pro-
vides the difference between the differential amplifier
output (DIFF) and the desired output voltage. The dif-
ferential amplifier has a bandwidth of 3MHz. The differ-
ence between SENSE+ and SENSE- regulates to the
preset output voltage for the MAX5038A and regulates
to +1V for the MAX5041A.
Voltage-Error Amplifier
The VEA sets the gain of the voltage control loop and
determines the error between the differential amplifier
output and the internal reference voltage (VREF).
VREF equals VOUT(NOM) for the +1.8V or lower voltage
versions of the MAX5038A and VREF equals VOUT(NOM)/2
for the +2.5V and +3.3V versions. For MAX5041A, VREF
equals +1V.
An offset is added to the output voltage of the
MAX5038A/MAX5041A with a finite gain (RF/RIN) of the
VEA such that the no-load output voltage is higher than
the nominal value. Choose RF and RIN from the
Adaptive Voltage Positioning section and use the follow-
ing equations to calculate the no-load output voltage.
MAX5038A:
MAX5041A:
where RH and RL are the feedback resistor network
(Figure 2).
Some applications require VOUT equal to VOUT(NOM) at
no load. To ensure that the output voltage does not
exceed the nominal output voltage (VOUT(NOM)), add a
resistor RX from VCC to EAN.
Use the following equations to calculate the value of RX.
For MAX5038A versions of VOUT(NOM)
≤ +1.8V:
For MAX5038A versions of VOUT(NOM) > +1.8V:
For MAX5041A:
The VEA output clamps to +0.9V (plus the common-
mode voltage of +0.6V), thus limiting the average maxi-
mum current from individual phases. The maximum
average-current-limit threshold for each phase is equal
to the maximum clamp voltage of the VEA divided by
the gain (18) of the current-sense amplifier. This allows
for accurate settings for the average maximum current
for each phase. Set the VEA gain using RF and RIN for
the amount of output voltage positioning required as
discussed in the Adaptive Voltage Positioning section
(Figures 3a and 3b).
Adaptive Voltage Positioning
Powering new-generation processors requires new
techniques to reduce cost, size, and power dissipation.
Voltage positioning reduces the total number of output
capacitors to meet a given transient response require-
ment. Setting the no-load output voltage slightly higher
than the output voltage during nominally loaded condi-
tions allows a larger downward voltage excursion when
the output current suddenly increases. Regulating at a
lower output voltage under a heavy load allows a larger
upward-voltage excursion when the output current sud-
denly decreases. A larger allowed, voltage-step excur-
sion reduces the required number of output capacitors
or allows for the use of higher ESR capacitors.
Voltage positioning and the ability to operate with multiple
reference voltages may require the output to regulate
away from a center value. Define the center value as the
voltage where the output drops (
∆VOUT/2) at one half the
maximum output current (Figure 5).
RV
R
V
XCC
F
REF
=−
×
[. ]
16
RV
V
R
V
X
CC
NOM
F
NOM
=−
+
×
[(
. )]
21 2
RV
V
R
V
X
CC
NOM
F
NOM
=−
+
×
[(
. )]
06
V
R
R
RR
R
V
OUT NL
IN
F
HL
L
REF
() =+
 ×
+
 ×
1
V
R
R
V
OUT NL
IN
F
OUT NOM
()
(
)
=+
 ×
1
(3)
(4)
(5)
(6)
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com