Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5041AEAI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5041AEAI
Description  Dual-Phase, Parallelable, Average-Current-Mode Controllers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5041AEAI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5041AEAI Datasheet HTML 1Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 2Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 3Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 4Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 5Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 6Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 7Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 8Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Dual-Phase, Parallelable, Average-Current-Mode
Controllers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +5V, circuit of Figure 1, TA = -40°C to +85°C, unless otherwise noted. Typical specifications are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to SGND.............................................................-0.3V to +30V
BST_ to SGND ........................................................-0.3V to +35V
DH_ to LX_ ................................-0.3V to [(VBST_ - VLX_) + 0.3V]
DL_ to PGND ..............................................-0.3V to (VCC + 0.3V)
BST_ to LX_ ..............................................................-0.3V to +6V
VCC to SGND............................................................-0.3V to +6V
VCC to PGND............................................................-0.3V to +6V
SGND to PGND .....................................................-0.3V to +0.3V
All Other Pins to SGND...............................-0.3V to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70°C)
28-Pin SSOP (derate 9.5mW/°C above +70°C) ..........762mW
Operating Temperature Range ...........................-40°C to +85°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SYSTEM SPECIFICATIONS
828
Input Voltage Range
VIN
Short IN and VCC together for +5V input
operation
4.75
5.5
V
Quiescent Supply Current
IQ
EN = VCC or SGND
4
10
mA
Efficiency
η
ILOAD = 52A (26A per phase)
90
%
OUTPUT VOLTAGE
MAX5038A only, no load
-0.8
+0.8
Nominal Output Voltage
Accuracy (Note 4)
MAX5038A only, no load, VIN = VCC =
+4.75V to +5.5V or VIN = +8V to +28V
(Note 2)
-1
+1
%
MAX5041A only, no load
0.992
1.008
SENSE+ to SENSE- Voltage
Accuracy (Note 4)
MAX5041A only, no load, VIN = VCC =
+4.75V to +5.5V or VIN = +8V to +28V
0.990
1.010
V
STARTUP/INTERNAL REGULATOR
VCC Undervoltage Lockout
UVLO
VCC rising
4.0
4.15
4.5
V
VCC Undervoltage Lockout
Hysteresis
200
mV
VCC Output Accuracy
VIN = +8V to +28V, ISOURCE = 0 to 80mA
4.85
5.1
5.30
V
MOSFET DRIVERS
Output Driver Impedance
RON
Low or high output
1
3
Ω
Output Driver Source/Sink
Current
IDH_, IDL_4
A
Nonoverlap Time
tNO
CDH_/DL_ = 5nF
60
ns
OSCILLATOR AND PLL
CLKIN = SGND
238
250
262
Switching Frequency
fSW
CLKIN = VCC
475
500
525
kHz
PLL Lock Range
fPLL
125
600
kHz
PLL Locking Time
tPLL
200
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com