Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5041AEAI Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # MAX5041AEAI
Description  Dual-Phase, Parallelable, Average-Current-Mode Controllers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5041AEAI Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button MAX5041AEAI Datasheet HTML 18Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 19Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 20Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 21Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 22Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 23Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 24Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 25Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 26Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
Dual-Phase, Parallelable, Average-Current-Mode
Controllers
______________________________________________________________________________________
25
CCF provides a low-frequency pole while RCF provides a
midband zero. Place a zero (fZ) to obtain a phase bump
at the crossover frequency. Place a high-frequency pole
(fP) at least a decade away from the crossover frequency
to reduce the influence of the switching noise and
achieve maximum phase margin. Use the following
equations to calculate CCF and CCFF:
PC Board Layout
Use the following guidelines to lay out the switching
voltage regulator:
1) Place the VIN and VCC bypass capacitors close to
the MAX5038A/MAX5041A.
2) Minimize the area and length of the high-current
loops from the input capacitor, upper switching
MOSFET, inductor, and output capacitor back to
the input capacitor negative terminal.
3) Keep short the current loop formed by the lower
switching MOSFET, inductor, and output capacitor.
4) Place the Schottky diodes close to the lower
MOSFETs and on the same side of the PC board.
5) Keep the SGND and PGND isolated and connect
them at one single point close to the negative termi-
nal of the input filter capacitor.
6) Run the current-sense lines CS+ and CS- very
close to each other to minimize the loop area.
Similarly, run the remote voltage sense lines
SENSE+ and SENSE- close to each other. Do not
cross these critical signal lines through power cir-
cuitry. Sense the current right at the pads of the
current-sense resistors.
7) Avoid long traces between the VCC bypass capaci-
tors, driver output of the MAX5038A/MAX5041A,
MOSFET gates, and PGND. Minimize the loop
formed by the VCC bypass capacitors, bootstrap
diode, bootstrap capacitor, MAX5038A/MAX5041A,
and upper MOSFET gate.
8) Place the bank of output capacitors close to the load.
9) Distribute the power components evenly across the
board for proper heat dissipation.
10) Provide enough copper area at and around the
switching MOSFETs, inductor, and sense resistors
to aid in thermal dissipation.
11) Use 4oz copper to keep the trace inductance and
resistance to a minimum. Thin copper PC boards
can compromise efficiency since high currents are
involved in the application. Also, thicker copper
conducts heat more effectively, thereby reducing
thermal impedance.
Chip Information
TRANSISTOR COUNT: 5431
PROCESS: BiCMOS
C
fR
CFF
PCF
=
×× ×
1
2
π
C
fR
CF
ZCF
=
×× ×
1
2
π
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
CLKIN
CLKOUT
BST2
DH2
LX2
DL2
EN
PGND
IN
VCC
DL1
LX1
DH1
BST1
CSN1
CSP1
EAOUT
EAN
DIFF
SENSE-
SENSE+
CLP1
SGND
CLP2
PLLCMP
PHASE
CSN2
CSP2
SSOP
TOP VIEW
MAX5038A
MAX5041A
Pin Configuration
(31)
(32)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com