Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5041AEAI Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX5041AEAI
Description  Dual-Phase, Parallelable, Average-Current-Mode Controllers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5041AEAI Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX5041AEAI Datasheet HTML 17Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 18Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 19Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 20Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 21Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 22Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 23Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 24Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Dual-Phase, Parallelable, Average-Current-Mode
Controllers
______________________________________________________________________________________
21
Table 1. Component List
DESIGNATION
QTY
DESCRIPTION
C1, C2
2
47µF,16V X5R input-filter capacitors, TDK C5750X5R1C476M
C3–C11
9
22µF, 16V input-filter capacitors, TDK C4532X5R1C226M
C12, C13
2
0.47µF, 16V capacitors, TDK C1608X5R1A474K
C14, C15
2
100µF, 6.3V output-filter capacitors, Murata GRM44-1X5R107K6.3
C16–C24, C33
10
270µF, 2V output-filter capacitors, Panasonic EEFUE0D271R
C25
1
4700pF, 16V X7R capacitor, Vishay-Siliconix VJ0603Y471JXJ
C26, C28, C30
3
470pF, 16V capacitors, Murata GRM1885C1H471JAB01
C27, C29
2
0.01µF, 50V X7R capacitors, Murata GRM188R71H103KA01
C31
1
4.7µF, 16V X5R capacitor, Murata GRM40-034X5R475k6.3
C32, C34, C39
3
0.1µF, 16V X7R capacitors, Murata GRM188R71C104KA01
D1, D2
2
Schottky diodes, ON Semiconductor MBRS340T3
D3, D4
2
Schottky diodes, ON Semiconductor MBR0520LT1
L1, L2
2
0.6µH, 27A inductors, Panasonic ETQP1H0R6BFX
Q1, Q3
2
Upper power MOSFETs, Vishay-Siliconix Si7860DP
Q2, Q4
2
Lower power MOSFETs, Vishay-Siliconix Si7886DP
R1
1
2.2
Ω ±1% resistor
R2, R3
4
Current-sense resistors, use two 2.7m
Ω resistors in parallel, Panasonic ERJM1WSF2M7U
R4
1
7.5k
Ω ±1% resistor
R5, R6
2
1k
Ω ±1% resistors
R7
1
4.99k
Ω ±1% resistor
R8, R9
2
37.4k
Ω ±1% resistors
Table 2. Component Suppliers
SUPPLIER
PHONE
FAX
WEBSITE
Murata
770-436-1300
770-436-3030
www.murata.com
ON Semiconductor
602-244-6600
602-244-3345
www.on-semi.com
Panasonic
714-373-7939
714-373-7183
www.panasonic.com
TDK
847-803-6100
847-390-4405
www.tcs.tdk.com
Vishay-Siliconix
1-800-551-6933
619-474-8920
www.vishay.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com