Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138A Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138A
Description  Highly Integrated Digital Controller for Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138A Datasheet(HTML) 33 Page - Texas Instruments

Back Button UCD3138A Datasheet HTML 29Page - Texas Instruments UCD3138A Datasheet HTML 30Page - Texas Instruments UCD3138A Datasheet HTML 31Page - Texas Instruments UCD3138A Datasheet HTML 32Page - Texas Instruments UCD3138A Datasheet HTML 33Page - Texas Instruments UCD3138A Datasheet HTML 34Page - Texas Instruments UCD3138A Datasheet HTML 35Page - Texas Instruments UCD3138A Datasheet HTML 36Page - Texas Instruments UCD3138A Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 83 page
background image
Start of Period
Period Counter
Start of Period
Filter Period
Adaptive Sample Trigger A
Sample Trigger 1
DPWM Output A
DTC Adjustment
Filter Duty ± 2 x Event 1
Event 1
2 x Event 1
DTC Adjustment
Event 1
DPWM Output B
Blanking A Begin
Blanking A End
Blanking B Begin
Blanking B End
Phase Trigger
Sample Trigger 2
To Other
Modules
To Other
Modules
x
x
Filter controlled edge
x
x
x
x
xx
xx
x
x
x
x
Adaptive Sample Trigger B
UCD3138A
www.ti.com
SLUSC66B – MARCH 2015 – REVISED MAY 2015
6.5.3
DPWM Resonant Mode
This mode provides a symmetrical waveform where DPWMA and DPWMB have the same pulse width. As
the switching frequency changes, the dead times between the pulses remain the same.
The equations for this mode are designed for a smooth transition from PWM mode to resonant mode, as
described in Section 6.7.2. The diagram of this mode is shown in Figure 6-3.
The Filter has two outputs, Filter Duty and Filter Period. In this case, the Filter is configured so that the
Filter Period is twice the Filter Duty. So if there were no dead times, each DPWM pin would be on for half
of the period. For dead time handling, the average of the two dead times is subtracted from the Filter Duty
for both DPWM pins. Therefore, both pins will have the same on-time, and the dead times will be fixed
regardless of the period. The only edge which is fixed relative to the start of the period is the rising edge of
DPWM A. This is the only edge for which the blanking signals can be used easily.
Events which change with DPWM mode:
•
DPWM A Rising Edge = Event 1
•
DPWM A Falling Edge = Filter Duty – Event 1
•
Adaptive Sample Trigger A = Event 1 + Filter Duty + Adaptive Sample Register or
•
Adaptive Sample Trigger B = Event 1 + Filter Duty/2 + Adaptive Sample Register
•
DPWM B Rising Edge = Filter Duty + Event 1
•
DPWM B Falling Edge = Filter Period – Event 1
•
Phase Trigger = Phase Trigger Register value or Filter Duty
Events always set by their registers, regardless of mode:
•
Sample Trigger 1, Sample Trigger 2, Blanking A Begin, Blanking A End, Blanking B
•
Begin, Blanking B End
Figure 6-3. Resonant Symmetrical Closed Loop
Copyright © 2015, Texas Instruments Incorporated
Detailed Description
33
Submit Documentation Feedback
Product Folder Links: UCD3138A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com