Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138A
Description  Highly Integrated Digital Controller for Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138A Datasheet(HTML) 2 Page - Texas Instruments

  UCD3138A Datasheet HTML 1Page - Texas Instruments UCD3138A Datasheet HTML 2Page - Texas Instruments UCD3138A Datasheet HTML 3Page - Texas Instruments UCD3138A Datasheet HTML 4Page - Texas Instruments UCD3138A Datasheet HTML 5Page - Texas Instruments UCD3138A Datasheet HTML 6Page - Texas Instruments UCD3138A Datasheet HTML 7Page - Texas Instruments UCD3138A Datasheet HTML 8Page - Texas Instruments UCD3138A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 83 page
background image
UCD3138A
SLUSC66B – MARCH 2015 – REVISED MAY 2015
www.ti.com
1.2
Applications
Power Supplies and Telecom Rectifiers
Isolated DC-DC Modules
Power Factor Correction
1.3
Description
The UCD3138A is a digital power supply controller from Texas Instruments offering superior levels of
integration and performance in a single-chip solution. The flexible nature of the UCD3138A makes it
suitable for a wide variety of power conversion applications. In addition, multiple peripherals inside the
device have been specifically optimized to enhance the performance of AC-DC and isolated DC-DC
applications and reduce the solution component count in the IT and network infrastructure space.
The UCD3138A controller is a fully programmable solution offering customers complete control of their
application, along with ample ability to differentiate their solution. At the same time, TI is committed to
simplifying our customers' development effort by offering best-in-class development tools, including
application firmware, Code Composer Studio™ software development environment, and TI’s power
development GUI which lets customers configure and monitor key system parameters.
At the core of the UCD3138A controller are the digital control loop peripherals, also known as Digital
Power Peripherals (DPPs). Each DPP implements a high-speed digital control loop consisting of a
dedicated Error Analog-to-Digital Converter (EADC), a PID-based 2-pole/2-zero digital compensator and
DPWM outputs with 250-ps pulse width resolution. The device also contains a 12-bit, 267-ksps general-
purpose ADC with up to 14 channels, timers, interrupt control, PMBus, and UART communications ports.
The device is based on a 32-bit ARM7TDMI-S RISC microcontroller that performs real-time monitoring,
configures peripherals, and manages communications. The ARM microcontroller executes its program out
of programmable flash memory as well as on-chip RAM and ROM.
In addition to the DPP, specific power management peripherals have been added to enable high efficiency
across the entire operating range, high integration for increased power density, reliability, and lowest
overall system cost and high flexibility with support for the widest number of control schemes and
topologies. Such peripherals include: light load burst mode, synchronous rectification, automatic mode
switching, input voltage feed forward, copper trace current sense, ideal diode emulation, constant current
constant power control, synchronous rectification soft on and off, peak current mode control, flux
balancing, secondary side input voltage sensing, high-resolution current sharing, hardware-configurable
soft start with pre bias, as well as several other features. Topology support has been optimized for voltage
mode and peak current mode controlled phase-shifted full bridge, single and dual phase PFC, bridgeless
PFC, hard-switched full bridge and half bridge, and LLC half bridge and full bridge.
The UCD3138A is a functional variant of the UCD3138 Digital Power Controller that includes significant
improvements over the UCD3138. For a description of the complete changes made in the UCD3138A,
refer to UCD3138A Migration Guide. The major improvements are:
The General Purpose ADC has been improved for better accuracy and performance at extreme cold
temperatures (–40°C).
The UART peripheral has been modified to include a hardware based auto-baud rate adjustment
feature.
A new Synchronous Rectifier Dead Time Optimization hardware peripheral has been added. Benefits
include:
Improved efficiency
Reduced synchronous rectifier voltage stresses
Shorter development cycle
A Duty Cycle Read Function has been added to improve use in peak current mode.
2
Device Overview
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: UCD3138A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com