Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138A Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138A
Description  Highly Integrated Digital Controller for Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138A Datasheet(HTML) 22 Page - Texas Instruments

Back Button UCD3138A Datasheet HTML 18Page - Texas Instruments UCD3138A Datasheet HTML 19Page - Texas Instruments UCD3138A Datasheet HTML 20Page - Texas Instruments UCD3138A Datasheet HTML 21Page - Texas Instruments UCD3138A Datasheet HTML 22Page - Texas Instruments UCD3138A Datasheet HTML 23Page - Texas Instruments UCD3138A Datasheet HTML 24Page - Texas Instruments UCD3138A Datasheet HTML 25Page - Texas Instruments UCD3138A Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 83 page
background image
UCD3138A
SLUSC66B – MARCH 2015 – REVISED MAY 2015
www.ti.com
5.8.1.4
High Resolution DPWM
Unlike conventional PWM controllers where the frequency of the clock dictates the maximum resolution of
PWM edges, the UCD3138A DPWM can generate waveforms with resolutions as small as 250 ps. This is
16× the resolution of the clock driving the DPWM module.
This is achieved by providing the DPWM mechanism with 16 phase shifted clock signals of 250 MHz. The
high resolution section of DPWM can be enabled or disabled, and the resolution can be defined in several
steps between 4 ns to 250 ps. This is done by setting the values of PWM_HR_MULTI_OUT_EN and
HIRES_SCALE inside the DPWM Control register 1. See the Power Peripherals programmer’s manual for
details.
5.8.1.5
Oversampling
The DPWM module has the capability to trigger an oversampling event by initiating the EADC to sample
the error voltage. The default 00 configuration has the DPWM trigger the EADC once based on the
sample trigger register value. The over sampling register has the ability to trigger the sampling 2, 4 or 8
times per PWM period. Thus the time the over sample happens is at the divide by 2, 4, or 8 time set in the
sampling register. The 01 setting triggers 2X oversampling, the 10 setting triggers 4X over sampling, and
the 11 triggers oversampling at 8X.
5.8.1.6
DPWM Interrupt Generation
The DPWM has the capability to generate a CPU interrupt based on the PWM frequency programmed in
the period register. The interrupt can be scaled by a divider ratio of up to 255 for developing a slower
interrupt service execution loop. This interrupt can be fed to the ADC circuitry for providing an ADC12
trigger for sequence synchronization. Table 5-1 outlines the divide ratios that can be programmed.
5.8.1.7
DPWM Interrupt Scaling/Range
Table 5-1. DPWM Interrupt Divide Ratio
Switching Period
Interrupt Divide Interrupt Divide
Interrupt Divide
Number of 32-MHz
Frames (Assume 1-MHz
Setting
Count
Count (hex)
Processor Cycles
Loop)
1
0
00
1
32
2
1
01
2
64
3
3
03
4
128
4
7
07
8
256
5
15
0F
16
512
6
31
1F
32
1024
7
47
2F
48
1536
8
63
3F
64
2048
9
79
4F
80
2560
10
95
5F
96
3072
11
127
7F
128
4096
12
159
9F
160
5120
13
191
BF
192
6144
14
223
DF
224
7168
15
255
FF
256
8192
22
Specifications
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: UCD3138A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com