Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138A Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138A
Description  Highly Integrated Digital Controller for Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138A Datasheet(HTML) 32 Page - Texas Instruments

Back Button UCD3138A Datasheet HTML 28Page - Texas Instruments UCD3138A Datasheet HTML 29Page - Texas Instruments UCD3138A Datasheet HTML 30Page - Texas Instruments UCD3138A Datasheet HTML 31Page - Texas Instruments UCD3138A Datasheet HTML 32Page - Texas Instruments UCD3138A Datasheet HTML 33Page - Texas Instruments UCD3138A Datasheet HTML 34Page - Texas Instruments UCD3138A Datasheet HTML 35Page - Texas Instruments UCD3138A Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 83 page
background image
Start of Period
Period Counter
Start of Period
Period
DPWM Output A
Cycle Adjust A (High Resolution)
Filter Duty (High Resolution)
Event 1
To Other
Modules
x
x
Filter controlled edge
xx
xx
Event 3 (High Resolution)
Cycle Adjust B (High Resolution)
Filter Duty (High Resolution)
DPWM Output B
Blanking B Begin
Blanking B End
Phase Trigger
Sample Trigger 2
To Other
Modules
x
x
x
x
Sample Trigger 1
Blanking A Begin
Blanking A End
DTC Adjustment
DTC Adjustment
Adaptive Sample Trigger B
Adaptive Sample Trigger A
UCD3138A
SLUSC66B – MARCH 2015 – REVISED MAY 2015
www.ti.com
6.5.2
DPWM Multiple Output Mode
Multi mode is used for systems where each phase has only one driver signal. It enables each DPWM
peripheral to drive two phases with the same pulse width, but with a time offset between the phases, and
with different cycle adjusts for each phase.
The diagram for Multi-Mode is shown in Figure 6-2.
Event 2 and Event 4 are not relevant in Multi mode.
DPWMB can cross over the period boundary safely, and still have the proper pulse width, so full 100%
pulse width operation is possible. DPWMA cannot cross over the period boundary.
Since the rising edge on DPWM B is also fixed, Blanking B-Begin and Blanking B-End can be used for
blanking this rising edge.
Cycle Adjust B is usable on DPWM B.
Events which change with DPWM mode:
•
DPWM A Rising Edge = Event 1
•
DPWM A Falling Edge = Event 1 + Filter Duty + Cycle Adjust A + DTC Adjustment
•
Adaptive Sample Trigger A = Event 1 + Filter Duty + Adaptive Sample Register or
•
Adaptive Sample Trigger B = Event 1 + Filter Duty/2 + Adaptive Sample Register
•
DPWM B Rising Edge = Event 3
•
DPWM B Falling Edge = Event 3 + Filter Duty + Cycle Adjust B + DTC Adjustment
•
Phase Trigger = Phase Trigger Register value or Filter Duty
Events always set by their registers, regardless of mode:
•
Sample Trigger 1, Sample Trigger 2, Blanking A Begin, Blanking A End, Blanking B
•
Begin, Blanking B End
Figure 6-2. Multi Mode Closed Loop
32
Detailed Description
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: UCD3138A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com