Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138A Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138A
Description  Highly Integrated Digital Controller for Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138A Datasheet(HTML) 17 Page - Texas Instruments

Back Button UCD3138A Datasheet HTML 13Page - Texas Instruments UCD3138A Datasheet HTML 14Page - Texas Instruments UCD3138A Datasheet HTML 15Page - Texas Instruments UCD3138A Datasheet HTML 16Page - Texas Instruments UCD3138A Datasheet HTML 17Page - Texas Instruments UCD3138A Datasheet HTML 18Page - Texas Instruments UCD3138A Datasheet HTML 19Page - Texas Instruments UCD3138A Datasheet HTML 20Page - Texas Instruments UCD3138A Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 83 page
background image
TPOR
undefined
V33D
IReset
3.3 V
TPOR
VGH
VGL
Vres
t
t
Brown Out
ADC input voltage
ADC output code
Actual ADC Transfer Function
Best Fit Line
Line Connecting Actual Zero
Scale Point and Actual Full
Scale Point
INL, End Point
INL, Best fit
UCD3138A
www.ti.com
SLUSC66B – MARCH 2015 – REVISED MAY 2015
5.7
Parametric Measurements Information
Figure 5-3. Best Fit INL and End Point INL
Figure 5-4. Power-On Reset (POR) and Brown-Out Reset (BOR)
VGH
— This is the V33D threshold where the internal power is declared good. The UCD3138A
comes out of reset when above this threshold.
VGL
— This is the V33D threshold where the internal power is declared bad. The device goes into
reset when below this threshold.
Vres
— This is the V33D threshold where the internal reset signal is no longer valid. Below this
threshold the device is in an indeterminate state.
IReset
— This is the internal reset signal. When low, the device is held in reset. This is equivalent to
holding the reset pin on the IC high.
TPOR
— The time delay from when VGH is exceeded to when the device comes out of reset.
Brown
— This is the V33D voltage threshold at which the device sets the brown out status bit. In
out
addition an interrupt can be triggered if enabled.
Copyright © 2015, Texas Instruments Incorporated
Specifications
17
Submit Documentation Feedback
Product Folder Links: UCD3138A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com