Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138A Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138A
Description  Highly Integrated Digital Controller for Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138A Datasheet(HTML) 29 Page - Texas Instruments

Back Button UCD3138A Datasheet HTML 25Page - Texas Instruments UCD3138A Datasheet HTML 26Page - Texas Instruments UCD3138A Datasheet HTML 27Page - Texas Instruments UCD3138A Datasheet HTML 28Page - Texas Instruments UCD3138A Datasheet HTML 29Page - Texas Instruments UCD3138A Datasheet HTML 30Page - Texas Instruments UCD3138A Datasheet HTML 31Page - Texas Instruments UCD3138A Datasheet HTML 32Page - Texas Instruments UCD3138A Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 83 page
background image
UCD3138A
www.ti.com
SLUSC66B – MARCH 2015 – REVISED MAY 2015
6.4.2
Memory Management Controller (MMC)
The MMC manages the interface to the peripherals by controlling the interface bus for extending the read
and write accesses to each peripheral. The unit generates eight peripheral select lines with 1 kB of
address space decoding.
6.4.3
System Management (SYS)
The SYS unit contains the software access protection by configuring user privilege levels to memory or
peripherals modules. It contains the ability to generate fault or reset conditions on decoding of illegal
address or access conditions. A clock control setup for the processor clock (MCLK) speed, is also
available.
6.4.4
Central Interrupt Module (CIM)
The CIM accepts 32 interrupt requests for meeting firmware timing requirements. The ARM processor
supports two interrupt levels: FIQ and IRQ. FIQ is the highest priority interrupt. The CIM provides
hardware expansion of interrupts by use of FIQ/IRQ vector registers for providing the offset index in a
vector table. This numerical index value indicates the highest precedence channel with a pending interrupt
and is used to locate the interrupt vector address from the interrupt vector table. Interrupt channel 0 has
the lowest precedence and interrupt channel 31 has the highest precedence. To remove the interrupt
request, the firmware should clear the request as the first action in the interrupt service routine. The
request channels are maskable, allowing individual channels to be selectively disabled or enabled.
Table 6-1. Interrupt Priority Table
MODULE COMPONENT OR
NAME
DESCRIPTION
PRIORITY
REGISTER
BRN_OUT_INT
Brownout
Brownout interrupt
0 (lowest)
EXT_INT
External interrupts
Interrupt on external input pin
1
WDRST_INT
Watchdog control
Interrupt from watchdog exceeded (reset)
2
Wakeup interrupt when watchdog equals half of set
WDWAKE_INT
Watchdog control
3
watch time
SCI_ERR_INT
UART or SCI control
UART or SCI error Interrupt. Frame, parity or overrun
4
SCI_RX_0_INT
UART or SCI control
UART0 RX buffer has a byte
5
SCI_TX_0_INT
UART or SCI control
UART0 TX buffer empty
6
SCI_RX_1_INT
UART or SCI control
UART1 RX buffer has a byte
7
SCI_TX_1_INT
UART or SCI control
UART1 TX buffer empty
8
PMBUS_INT
PMBus related interrupt
9
DIG_COMP_INT
12-bit ADC control
Digital comparator interrupt
10
“Prebias complete”, “Ramp Delay Complete”, “Ramp
FE0_INT
Front End 0
Complete”, “Load Step Detected”,
11
“Over-Voltage Detected”, “EADC saturated”
“Prebias complete”, “Ramp Delay Complete”, “Ramp
FE1_INT
Front End 1
Complete”, “Load Step Detected”,
12
“Over-Voltage Detected”, “EADC saturated”
“Prebias complete”, “Ramp Delay Complete”, “Ramp
FE2_INT
Front End 2
Complete”, “Load Step Detected”,
13
“Over-Voltage Detected”, “EADC saturated”
PWM3_INT
16-bit timer PWM 3
16-bit Timer PWM3 counter overflow or compare interrupt
14
16-bit Timer PWM2 counter Overflow or compare
PWM2_INT
16-bit timer PWM 2
15
interrupt
PWM1_INT
16-bit timer PWM 1
16-bit Timer PWM1 counter overflow or compare interrupt
16
PWM0_INT
16-bit timer PWM 0
16-bit Timer PWM1 counter overflow or compare interrupt
17
OVF24_INT
24-bit timer control
24-bit Timer counter overflow interrupt
18
DTC_FLT_INT
DTC fault interrupt
DTC module fault interrupt
19
COMP_1_INT
24-bit timer control
24-bit Timer compare 1 interrupt
20
Copyright © 2015, Texas Instruments Incorporated
Detailed Description
29
Submit Documentation Feedback
Product Folder Links: UCD3138A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com