Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138A
Description  Highly Integrated Digital Controller for Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138A Datasheet(HTML) 1 Page - Texas Instruments

  UCD3138A Datasheet HTML 1Page - Texas Instruments UCD3138A Datasheet HTML 2Page - Texas Instruments UCD3138A Datasheet HTML 3Page - Texas Instruments UCD3138A Datasheet HTML 4Page - Texas Instruments UCD3138A Datasheet HTML 5Page - Texas Instruments UCD3138A Datasheet HTML 6Page - Texas Instruments UCD3138A Datasheet HTML 7Page - Texas Instruments UCD3138A Datasheet HTML 8Page - Texas Instruments UCD3138A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 83 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
UCD3138A
SLUSC66B – MARCH 2015 – REVISED MAY 2015
UCD3138A Highly Integrated Digital Controller for Isolated Power
1
Device Overview
1.1
Features
1
• Digital Control of up to 3 Independent Feedback
• High Efficiency and Light Load Management
Loops
– Burst Mode
– Dedicated PID-Based Hardware
– Ideal Diode Emulation
– 2-Pole/2-Zero Configurable
– Synchronous Rectifier Soft On/Off
– Nonlinear Control
– Low IC Standby Power
• Soft Start / Stop with and without Prebias
• Primary Side Voltage Sensing
• Fast Input Voltage Feed Forward Hardware
• Copper Trace Current Sensing
• Synchronous Rectifier Dead Time Optimization
• Flux and Phase Current Balancing
Peripheral to Use with UCD7138 Synchronous
• Current Share Bus Support
Rectifier Driver
– Average or Master and Slave
• Up to 16 MHz Error Analog-to-Digital Converter
• Feature Rich Fault Protection Options
(EADC)
– 7 High-Speed Analog Comparators
– Configurable Resolution as Small as 1 mV/LSB
– Cycle-by-Cycle Current Limiting
– Automatic Resolution Selection
– Programmable Fault
– Up to 8x Oversampling
– External Fault Capability
– Hardware-Based Averaging (up to 8x)
– 10 Digital Comparators
– 10-Bit Effective DAC With 4 Bits of Dither
– Programmable Blanking Time
– Adaptive Sample Trigger Positioning
• Synchronization of DPWM Waveforms Between
• Up to 8 High Resolution Digital Pulse Width
Multiple UCD3138A devices
Modulated (DPWM) Outputs
• 14-Channel, 12-Bit, 267-ksps General-Purpose
– 250-ps Pulse Width Resolution
ADC
– 4-ns Frequency and Phase Resolution
– Programmable Averaging Filters
– Adjustable Phase Shift Between Outputs
– Dual Sample and Hold
– Adjustable Dead-band Between Pairs
• Internal Temperature Sensor
– Cycle-by-Cycle Duty Cycle Matching
• Fully Programmable High-Performance 31.25
– Up to 2-MHz Switching Frequency
MHz, 32-Bit ARM7TDMI-S™ Processor
• Configurable PWM Edge Movement
– 32KB of Program Flash
– Trailing Modulation
– 2KB of Data Flash with ECC
– Leading Modulation
– 4KB of Data RAM
– Triangular Modulation
– Firmware Boot-Load in the Field via I2C or
• Configurable Feedback Control
UART
– Voltage Mode
• Communication Peripherals
– Average Current Mode
– I2C/PMBus
– Peak Current Mode Control
– 2 UARTs on UCD3138ARGC (64-Pin QFN)
– Constant Current
– 1 UART on UCD3138ARMH (40-Pin QFN)
– Constant Power
• UART Auto-baud Rate Adjustment
• Configurable Modulation Methods
• Timer Capture with Selectable Input Pins
– Frequency Modulation
• Up to 5 Additional General Purpose Timers
– Phase Shift Modulation
• Built In Watchdog: BOD and POR
– Pulse Width Modulation
• 64-Pin QFN and 40-Pin QFN Packages
• Fast, Automatic, and Smooth Mode Switching
• 40-Pin QFN ICP9592A T/C Qualification
– Frequency Modulation and PWM
• Operating Temperature: –40°C to 125°C
– Phase Shift Modulation and PWM
• Debug Interface
– Frequency Modulation and Phase Shift
– Code Composer Studio™ with JTAG Interface
Modulation
– Fusion Digital Power™ Designer GUI Support
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - UCD3138A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD3138A TI1-UCD3138A Datasheet
3Mb / 87P
Highly-Integrated Digital Controller for Isolated Power
UCD3138A64 TI-UCD3138A64 Datasheet
2Mb / 80P
UCD3138x Highly-Integrated Digital Controller For Isolated Power
UCD3138A64 TI2-UCD3138A64 Datasheet
2Mb / 84P
UCD3138128, UCD3138A64 Highly-Integrated Digital Controller For Isolated Power
REVISED FEBRUARY 2017
UCD3138A64PFC TI-UCD3138A64PFC Datasheet
2Mb / 80P
UCD3138x Highly-Integrated Digital Controller For Isolated Power
UCD3138A64PFC TI2-UCD3138A64PFC Datasheet
2Mb / 84P
UCD3138128, UCD3138A64 Highly-Integrated Digital Controller For Isolated Power
REVISED FEBRUARY 2017
More results

Similar Description - UCD3138A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD3138 TI1-UCD3138 Datasheet
1Mb / 68P
Highly Integrated Digital Controller for Isolated Power
UCD3138128 TI-UCD3138128_15 Datasheet
2Mb / 80P
UCD3138x Highly-Integrated Digital Controller For Isolated Power
UCC3138 TI1-UCC3138 Datasheet
1Mb / 78P
Highly Integrated Digital Controller for Isolated Power
UCD3138064 TI1-UCD3138064 Datasheet
3Mb / 91P
UCD3138064 Highly Integrated Digital Controller for Isolated Power With 64-kB Program Flash Memory
UCD3138064A TI1-UCD3138064A Datasheet
2Mb / 83P
UCD3138064A Highly Integrated Digital Controller for Isolated Power
UCD3138128A TI1-UCD3138128A Datasheet
2Mb / 83P
UCD3138128A Highly-Integrated Digital Controller For Isolated Power
UCD3138 TI1-UCD3138_16 Datasheet
3Mb / 89P
Highly Integrated Digital Controller for Isolated Power
UCD3138A TI1-UCD3138A Datasheet
3Mb / 87P
Highly-Integrated Digital Controller for Isolated Power
logo
Analog Devices
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
Digital Controller for Isolated
REV. 0
logo
Texas Instruments
UCD3138064 TI-UCD3138064_V01 Datasheet
5Mb / 104P
UCD3138064 Highly Integrated Digital Controller for Isolated Power With 64-kB Program Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com