Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX796C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX796C/D
Description  Step-Down Controllers with Synchronous Rectifier for CPU Power
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX796C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX796C/D Datasheet HTML 4Page - Maxim Integrated Products MAX796C/D Datasheet HTML 5Page - Maxim Integrated Products MAX796C/D Datasheet HTML 6Page - Maxim Integrated Products MAX796C/D Datasheet HTML 7Page - Maxim Integrated Products MAX796C/D Datasheet HTML 8Page - Maxim Integrated Products MAX796C/D Datasheet HTML 9Page - Maxim Integrated Products MAX796C/D Datasheet HTML 10Page - Maxim Integrated Products MAX796C/D Datasheet HTML 11Page - Maxim Integrated Products MAX796C/D Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ILOAD = 100mA, VIN = 10V,
CIRCUIT OF FIGURE 1
IDLE-MODE WAVEFORMS
+5V OUTPUT
50mV/div
2V/div
200
µs/div
ILOAD = 1A, VIN = 16V,
CIRCUIT OF FIGURE 1
PULSE-WIDTH-MODULATION MODE WAVEFORMS
LX VOLTAGE
10V/div
+5V OUTPUT
VOLTAGE
50mV/div
500ns/div
VIN = 15V, CIRCUIT OF FIGURE 1
+5V LOAD-TRANSIENT RESPONSE
+5V OUTPUT
50mV/div
3A
0A
LOAD CURRENT
200
µs/div
Step-Down Controllers with
Synchronous Rectifier for CPU Power
8
_______________________________________________________________________________________
0
150
300
450
600
900
750
1050
0
3
6
9
12
15
18
21
24
MAX796
MAXIMUM SECONDARY CURRENT vs.
SUPPLY VOLTAGE, 3.3V/5V CIRCUIT
SUPPLY VOLTAGE (V)
IOUT (MAIN) = 2A
IOUT (MAIN) = 0A
CIRCUIT OF FIGURE 12
TRANSFORMER = TDK 1.5:1
VSEC ≥ 4.8V
0
100
200
300
400
600
500
700
800
0
4
8
12
16
20
24
28
32
MAX799
MAXIMUM SECONDARY CURRENT
vs. SUPPLY VOLTAGE, ±5V CIRCUIT
SUPPLY VOLTAGE (V)
CIRCUIT OF FIGURE 13
TRANSFORMER = TTI5926
VSEC ≤ -5.1V
IOUT (MAIN) = 0A
IOUT (MAIN) = 1A
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com