Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX796C/D Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX796C/D
Description  Step-Down Controllers with Synchronous Rectifier for CPU Power
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX796C/D Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX796C/D Datasheet HTML 10Page - Maxim Integrated Products MAX796C/D Datasheet HTML 11Page - Maxim Integrated Products MAX796C/D Datasheet HTML 12Page - Maxim Integrated Products MAX796C/D Datasheet HTML 13Page - Maxim Integrated Products MAX796C/D Datasheet HTML 14Page - Maxim Integrated Products MAX796C/D Datasheet HTML 15Page - Maxim Integrated Products MAX796C/D Datasheet HTML 16Page - Maxim Integrated Products MAX796C/D Datasheet HTML 17Page - Maxim Integrated Products MAX796C/D Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Step-Down Controllers with
Synchronous Rectifier for CPU Power
14
______________________________________________________________________________________
SHOOT-
THROUGH
CONTROL
R
Q
30mV
R
Q
LEVEL
SHIFT
1
µs
SINGLE-SHOT
1X
MAIN PWM
COMPARATOR
OSC
LEVEL
SHIFT
CURRENT
LIMIT
VL
24R
1R
2.5V
4
µA
SYNCHRONOUS
RECTIFIER CONTROL
REF
SS
SHDN
–100mV
NOTE 1
CSH
CSL
FROM
FEEDBACK
DIVIDER
BST
DH
LX
VL
DL
PGND
S
S
SLOPE COMP
N
SKIP
(MAX797
ONLY)
REF (MAX796)
GND (MAX799)
MAX796, MAX799 ONLY
SECFB
NOTE 1: COMPARATOR INPUT POLARITIES
ARE REVERSED FOR THE MAX799.
Figure 3. PWM Controller Detailed Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com