Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX796C/D Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX796C/D
Description  Step-Down Controllers with Synchronous Rectifier for CPU Power
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX796C/D Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX796C/D Datasheet HTML 16Page - Maxim Integrated Products MAX796C/D Datasheet HTML 17Page - Maxim Integrated Products MAX796C/D Datasheet HTML 18Page - Maxim Integrated Products MAX796C/D Datasheet HTML 19Page - Maxim Integrated Products MAX796C/D Datasheet HTML 20Page - Maxim Integrated Products MAX796C/D Datasheet HTML 21Page - Maxim Integrated Products MAX796C/D Datasheet HTML 22Page - Maxim Integrated Products MAX796C/D Datasheet HTML 23Page - Maxim Integrated Products MAX796C/D Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
Step-Down Controllers with
Synchronous Rectifier for CPU Power
20
______________________________________________________________________________________
Three key inductor parameters must be specified:
inductance value (L), peak current (IPEAK), and DC
resistance (RDC). The following equation includes a
constant LIR, which is the ratio of inductor peak-to-
peak AC current to DC load current. A higher value of
LIR allows smaller inductance, but results in higher
losses and ripple. A good compromise between size
and losses is found at a 30% ripple current to load cur-
rent ratio (LIR = 0.3), which corresponds to a peak
inductor current 1.15 times higher than the DC load
current.
VOUT (VIN(MAX) - VOUT)
L = ———————————
VIN(MAX) x f x IOUT x LIR
where:
f = switching frequency, normally 150kHz or
300kHz
IOUT = maximum DC load current
LIR = ratio of AC to DC inductor current,
typically 0.3
The peak inductor current at full load is 1.15 x IOUT if
the above equation is used; otherwise, the peak current
can be calculated by:
VOUT (VIN(MAX) - VOUT)
IPEAK = ILOAD + ———————————
2 x f x L x VIN(MAX)
The inductor’s DC resistance is a key parameter for effi-
ciency performance and must be ruthlessly minimized,
preferably to less than 25m
Ω at IOUT = 3A. If a stan-
dard off-the-shelf inductor is not available, choose a
core with an LI2 rating greater than L x IPEAK2 and wind
it with the largest diameter wire that fits the winding
area. For 300kHz applications, ferrite core material is
strongly preferred; for 150kHz applications, Kool-mu
(aluminum alloy) and even powdered iron can be
acceptable. If light-load efficiency is unimportant (in
desktop 5V-to-3V applications, for example) then low-
permeability iron-powder cores, such as the
Micrometals type found in Pulse Engineering’s 2.1µH
PE-53680, may be acceptable even at 300kHz. For
high-current applications, shielded core geometries
(such as toroidal or pot core) help keep noise, EMI, and
switching-waveform jitter low.
Current-Sense Resistor Value
The current-sense resistor value is calculated accord-
ing to the worst-case-low current-limit threshold voltage
(from the
Electrical Characteristics table) and the peak
inductor current. The continuous-mode peak inductor-
current calculations that follow are also useful for sizing
the switches and specifying the inductor-current satu-
ration ratings. In order to simplify the calculation, ILOAD
may be used in place of IPEAK if the inductor value has
been set for LIR = 0.3 or less (high inductor values)
and 300kHz operation is selected. Low-inductance
resistors, such as surface-mount metal-film resistors,
are preferred.
80mV
RSENSE = ————
IPEAK
Input Capacitor Value
Place a small ceramic capacitor (0.1µF) between V+
and GND, close to the device. Also, connect a low-ESR
bulk capacitor directly to the drain of the high-side
MOSFET. Select the bulk input filter capacitor accord-
ing to input ripple-current requirements and voltage rat-
ing, rather than capacitor value. Electrolytic capacitors
that have low enough ESR to meet the ripple-current
requirement invariably have more than adequate
capacitance values. Aluminum-electrolytic capacitors
such as Sanyo OS-CON or Nichicon PL are preferred
over tantalum types, which could cause power-up
surge-current failure, especially when connecting to
robust AC adapters or low-impedance batteries. RMS
input ripple current is determined by the input voltage
and load current, with the worst possible case occur-
ring at VIN = 2 x VOUT:
————————
√VOUT (VIN - VOUT)
IRMS = ILOAD x ——————————
VIN
IRMS = ILOAD / 2 when VIN is 2 x VOUT
Output Filter Capacitor Value
The output filter capacitor values are generally deter-
mined by the ESR (effective series resistance) and volt-
age rating requirements rather than actual capacitance
requirements for loop stability. In other words, the low-
ESR electrolytic capacitor that meets the ESR require-
ment usually has more output capacitance than is
required for AC stability. Use only specialized low-ESR
capacitors intended for switching-regulator applications,
such as AVX TPS, Sprague 595D, Sanyo OS-CON, or
Nichicon PL series. To ensure stability, the capacitor
must meet
both minimum capacitance and maximum
ESR values as given in the following equations:
VREF (1 + VOUT / VIN(MIN))
CF > ––––––––––––––––———–––
VOUT x RSENSE x f
RSENSE x VOUT
RESR < ————————
VREF
(can be multiplied by 1.5, see note below)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com