Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX796C/D Datasheet(PDF) 28 Page - Maxim Integrated Products

Part # MAX796C/D
Description  Step-Down Controllers with Synchronous Rectifier for CPU Power
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX796C/D Datasheet(HTML) 28 Page - Maxim Integrated Products

Back Button MAX796C/D Datasheet HTML 24Page - Maxim Integrated Products MAX796C/D Datasheet HTML 25Page - Maxim Integrated Products MAX796C/D Datasheet HTML 26Page - Maxim Integrated Products MAX796C/D Datasheet HTML 27Page - Maxim Integrated Products MAX796C/D Datasheet HTML 28Page - Maxim Integrated Products MAX796C/D Datasheet HTML 29Page - Maxim Integrated Products MAX796C/D Datasheet HTML 30Page - Maxim Integrated Products MAX796C/D Datasheet HTML 31Page - Maxim Integrated Products MAX796C/D Datasheet HTML 32Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Step-Down Controllers with
Synchronous Rectifier for CPU Power
28
______________________________________________________________________________________
MAX797
CSL
CSH
SS
VL
SYNC
REF
GND
V+
Q1
FB
191k
49.9k
+12V AT 2A
BST
DH
LX
PGND
SKIP
SHDN
VIN
4.75V TO 6V
C2
150
µF
C3
150
µF
0.33
µF
0.01
Ω
0.01
µF
C1
220
µF
D1
4.7
µF
L1
5
µH
L1 = 2x SUMIDA CDRH125-100 IN PARALLEL
D1 = MOTOROLA MBR640
Q1 = MOTOROLA MTD20N03HDL
C1 = SANYO OS-CON 220
µF, 10V
C2, C3 = SANYO OS-CON 150
µF, 16V
Figure 16. 5V-to-12V PWM Boost Converter
MAX797
CSL
CSH
VL
SYNC
REF
GND
V+
Q1
T1
Q2
FB
200k
200k
OUTPUT
+5V AT 500mA
BST
CMPSH-3A
DH
LX
DL
PGND
SKIP
HI EFF
LOW IQ
SHDN
INPUT
3V TO 6.5V
4.7
µF
0.33
µF
33m
Ω
220
µF 220µF
100
µF
Q1, Q2 = Si9410DY
T1 = COILTRONIX CTX 10-4
10
µH PRIMARY, 1:1
START-UP SUPPLY VOLTAGE = 3.5V TYP
Figure 17. 90% Efficient, Low-Voltage PWM Flyback Converter (4 Cells to 5V)
____________________________________________Application Circuits (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com