Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX796C/D Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # MAX796C/D
Description  Step-Down Controllers with Synchronous Rectifier for CPU Power
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX796C/D Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button MAX796C/D Datasheet HTML 21Page - Maxim Integrated Products MAX796C/D Datasheet HTML 22Page - Maxim Integrated Products MAX796C/D Datasheet HTML 23Page - Maxim Integrated Products MAX796C/D Datasheet HTML 24Page - Maxim Integrated Products MAX796C/D Datasheet HTML 25Page - Maxim Integrated Products MAX796C/D Datasheet HTML 26Page - Maxim Integrated Products MAX796C/D Datasheet HTML 27Page - Maxim Integrated Products MAX796C/D Datasheet HTML 28Page - Maxim Integrated Products MAX796C/D Datasheet HTML 29Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Step-Down Controllers with
Synchronous Rectifier for CPU Power
______________________________________________________________________________________
25
MAX796
MAX797
MAX799
SENSE RESISTOR
MAIN CURRENT PATH
FAT, HIGH-CURRENT TRACES
Figure 10. Kelvin Connections for the Current-Sense Resistor
MAX796
CSL
CSH
FB
GND
REF
SYNC
SECFB
VL
10
2
11
7
3
5
14
Si9410
Si9410
D2
EC11FS1
T1 = TRANSPOWER TTI5870
* = OPTIONAL, MAY NOT BE NEEDED
16
15
13
D1
CMPSH
-3A
1N5819
12
8
9
VIN (6.5V TO 18V)
+15V
AT
250mA
+5V
AT 3A
BST
V+
DH
LX
DL
6
ON/OFF
1
PGND
SHDN
SS
0.33
µF
C2
4.7
µF
C3
15
µF
2.5V
220
µF
6.3V
0.1
µF
22
µF, 35V
0.01
µF
20m
Ω
22
Ω*
4700pF*
T1
15
µH
2.2:1
49.9k, 1%
210k, 1%
0.01
µF
(OPTIONAL)
18V
1/4 W
C2
4.7
µF
4
Figure 11. +5V/+15V Dual-Output Application (MAX796)
_________________________________________________________Application Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com