Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX796C/D Datasheet(PDF) 31 Page - Maxim Integrated Products

Part # MAX796C/D
Description  Step-Down Controllers with Synchronous Rectifier for CPU Power
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX796C/D Datasheet(HTML) 31 Page - Maxim Integrated Products

Back Button MAX796C/D Datasheet HTML 24Page - Maxim Integrated Products MAX796C/D Datasheet HTML 25Page - Maxim Integrated Products MAX796C/D Datasheet HTML 26Page - Maxim Integrated Products MAX796C/D Datasheet HTML 27Page - Maxim Integrated Products MAX796C/D Datasheet HTML 28Page - Maxim Integrated Products MAX796C/D Datasheet HTML 29Page - Maxim Integrated Products MAX796C/D Datasheet HTML 30Page - Maxim Integrated Products MAX796C/D Datasheet HTML 31Page - Maxim Integrated Products MAX796C/D Datasheet HTML 32Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
Step-Down Controllers with
Synchronous Rectifier for CPU Power
______________________________________________________________________________________
31
MAX797
MAX495
CSL
0.1
µF
0.01
µF
0.01
µF
4.7
µF
IOUT
2.5A
VIN
10.5V to
28V
GND
FB
V+
0.33
µF
0.33
µF
L1
10
µH
0.025
Ω
SHDN
9
3
2
6
7
4
SYNC
SS
DL
5
7
4
1
6
13
PGND
12
LX
15
DH
16
SKIP
2
BST
14
VL
11
10
REF
3
CSH
8
3X
100
µF
16V
2X
22
µF
35V
1.0k
39k
D2
1.7
Ω
T1
D1
D3
Q1
Q2
D1, D3 CENTRAL SEMI. CMPSH-3
D2 NIEC EC10QS02L, SCHOTTKY RECT.
L1 DALE IHSM-4825 10
µH 15%
T1 DALE LPE-3325-A087, CURRENT TRANSFORMER, 1:70
Q1, Q2 MOTOROLA MMSF5N03HD
Figure 22. Battery-Charger Current Source
____________________________________________Application Circuits (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com