Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX796C/D Datasheet(PDF) 26 Page - Maxim Integrated Products

Part # MAX796C/D
Description  Step-Down Controllers with Synchronous Rectifier for CPU Power
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX796C/D Datasheet(HTML) 26 Page - Maxim Integrated Products

Back Button MAX796C/D Datasheet HTML 22Page - Maxim Integrated Products MAX796C/D Datasheet HTML 23Page - Maxim Integrated Products MAX796C/D Datasheet HTML 24Page - Maxim Integrated Products MAX796C/D Datasheet HTML 25Page - Maxim Integrated Products MAX796C/D Datasheet HTML 26Page - Maxim Integrated Products MAX796C/D Datasheet HTML 27Page - Maxim Integrated Products MAX796C/D Datasheet HTML 28Page - Maxim Integrated Products MAX796C/D Datasheet HTML 29Page - Maxim Integrated Products MAX796C/D Datasheet HTML 30Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
Step-Down Controllers with
Synchronous Rectifier for CPU Power
26
______________________________________________________________________________________
MAX796
CSL
CSH
SECFB
GND
REF
FB
SYNC
V+
VL
10
2
11
4
3
5
14
Q1
T1 = TDK 1:1.5 TRANSFORMER
PC40EEM 12.7/13.7 - A160 CORE
BEM 12.7/13.7 BOBBIN
PRIMARY = 8 TURNS 24 AWG
SECONDARY = 12 TURNS 24 AWG
DESIGN FOR TIGHT MAGNETIC COUPLING
Q1-Q2 = Si9410 or EQUIVALENT
Q3 = Si9955 or EQUIVALENT (50V)
Q2
Q3
16
15
13
1N4148
1N5819
MBR0502L
1N5817
12
8
9
7
VIN (8V TO 18V AS SHOWN)
+5V
AT
500mA
+3.3V
AT 2A
BST
DH
LX
DL
6
ON/OFF
1
PGND
SHDN
SS
0.33
µF
4.7
µF
47
µF
330
µF
0.1
µF
33
µF, 35V
10
µH
25m
Ω
T1
1:1.5
100k, 1%
102k
1%
49.9k
1%
33.2k
1%
102k, 1%
0.01
µF
(OPTIONAL)
Figure 12. +3.3V/+5V Dual-Output Application (MAX796)
MAX799
CSL
CSH
VL
SS
GND
REF
SECFB
10
3
2
11
1
4
14
1/2
Si9936
1/2 Si9936
EQ11FS1
T1 = TRANSPOWER TTI5926
16
15
13
1N4148
1N5819
12
8
9
FB
7
VIN (9V TO 18V)
-5.5V OUT
(-5.5V AT 200mA)
+5V OUT
(+5V AT 1A)
BST
V+
DH
LX
DL
6
5
ON/OFF
PGND
SHDN
SYNC
0.01
µF
(OPTIONAL)
220
µF
10V
0.1
µF
22
µF, 35V
1
µF
22
µF
10V
50m
Ω
T1
15
µH
1:1.3
221k, 1%
1000pF
107k, 1%
4.7
µF
Figure 13. ±5V Dual-Output Application (MAX799)
____________________________________________Application Circuits (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com