Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV9902A Datasheet(PDF) 6 Page - CML Microcircuits

Part # EV9902A
Description  Measures Bit Error Rate
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV9902A Datasheet(HTML) 6 Page - CML Microcircuits

Back Button EV9902A Datasheet HTML 2Page - CML Microcircuits EV9902A Datasheet HTML 3Page - CML Microcircuits EV9902A Datasheet HTML 4Page - CML Microcircuits EV9902A Datasheet HTML 5Page - CML Microcircuits EV9902A Datasheet HTML 6Page - CML Microcircuits EV9902A Datasheet HTML 7Page - CML Microcircuits EV9902A Datasheet HTML 8Page - CML Microcircuits EV9902A Datasheet HTML 9Page - CML Microcircuits EV9902A Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Interface Kit for EV9900A
EV9902
©
CML Microsystems Plc
6
2009
UM9902/3
3.
Quick Start
This section provides instructions for users who wish to experiment immediately with the
EV9900A evaluation kit, by controlling it from a PC via the EV9902 Interface Kit.
A fuller
description of the Interface Kit and its use appears later in this document. Before using this kit, it
is recommended that the user read the datasheets for the CMX990, the EV9900A and the
hyBoard-XS.
The latest versions of these documents, together with the "ES9902xx.exe"
software, can be found at http://www.cmlmicro.com/ and at http://www.hyperstone.com/ for the
hyBoard-XS documentation.
3.1.
Setting-Up
Before the kit can be powered-up, the hyBoard-XS jumpers must be set to their default values
(see Table 2) and the following connections must be made:
•
The EV9902 Interface Card, J1, J2 and J4, to the hyBoard-XS, X1, X2 and X3
•
The EV9902 Interface Card, J3, to the EV9900A Evaluation Kit, J13 – using the supplied
ribbon cable
•
The hyBoard-XS, J4, to a spare USB port on the PC via a USB cable (not supplied)
•
The hyBoard-XS, via the supplied power cable, to the 5.0V D.C. power supply
•
The EV9900A main supply to the 7.2V D.C. power supply
•
The EV9900A PA supply to the 3.6V D.C. power supply
•
The EV9900A RF output, TXOUT (J9), must be connected to a suitable 50
Ω load
NOTE: Before power is applied to the EV9900A PA supply, a suitable 50
Ω load must be
connected to the PA output, TXOUT (J9), in the default configuration. Failure to do so may
result in permanent damage to the PA device. See the EV9900A datasheet for full details.
3.2.
Operation
3.2.1.
Applying Power
Before applying power, refer to section 2.4, Important Information, above.
Once the connections detailed in section 3.1 have been made, the kits should be powered-up in
the following sequence:
1.
The 5.0V D.C. power supply
2.
The 7.2V D.C. power supply
3.
The 3.6V D.C. power supply
On application of the 5.0V supply the hyBoard-XS LED, LED6, will flicker momentarily and then
remain constantly on.
3.2.2.
Running the Software
To start the software, run the executable “ES9902xx.exe” (where xx is the version number). This
software is included in the EV9902 software zip file, which can be downloaded from the CML
website.
For a detailed description on using the ES9902 application, see section 6.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com