Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV9902A Datasheet(PDF) 10 Page - CML Microcircuits

Part # EV9902A
Description  Measures Bit Error Rate
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV9902A Datasheet(HTML) 10 Page - CML Microcircuits

Back Button EV9902A Datasheet HTML 6Page - CML Microcircuits EV9902A Datasheet HTML 7Page - CML Microcircuits EV9902A Datasheet HTML 8Page - CML Microcircuits EV9902A Datasheet HTML 9Page - CML Microcircuits EV9902A Datasheet HTML 10Page - CML Microcircuits EV9902A Datasheet HTML 11Page - CML Microcircuits EV9902A Datasheet HTML 12Page - CML Microcircuits EV9902A Datasheet HTML 13Page - CML Microcircuits EV9902A Datasheet HTML 14Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Interface Kit for EV9900A
EV9902
6.
Detailed Description
6.1.
Software Description
The ES9902 application allows the user to interact with the EV9900A via an easy to use graphical
interface. It consists of a number of tabs: each one representing a particular set of registers or a
particular function of the CMX990. Displayed in the title bar of the program window is the serial
number of the EV9902 kit being interfaced by the software.
To select a tab simply click on the corresponding name in the row at the top of the program
window. Setting or clearing the check box associated with a bit of a register will cause that bit to
be set or cleared when the register is next written to. If the ‘Auto Write’ check box is set a register
will be written whenever a check box or list box associated with it is modified. This removes the
need to click the ‘Write’ button associated with that register. The program can be closed at any
time by clicking the ‘Close’ button or by pressing ‘Alt’ and ‘F4’ keys simultaneously.
6.1.1.
The Modem Registers Tab
The Modem Registers tab gives access to the CMX990 baseband modem registers, see Figure 3.
Figure 3 – The Modem Registers Tab
The Command register task drop-down list allows the selection of the various CMX990 modem
tasks. The selection shown is dependant on the displayed value of the Mode register bit ‘Tx/Rx’,
showing either the receive mode or the transmit mode tasks. The Data Buffer register can be
either written to or read by selecting the appropriate option.
©
CML Microsystems Plc
10
2009
UM9902/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com