Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV9902A Datasheet(PDF) 1 Page - CML Microcircuits

Part # EV9902A
Description  Measures Bit Error Rate
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV9902A Datasheet(HTML) 1 Page - CML Microcircuits

  EV9902A Datasheet HTML 1Page - CML Microcircuits EV9902A Datasheet HTML 2Page - CML Microcircuits EV9902A Datasheet HTML 3Page - CML Microcircuits EV9902A Datasheet HTML 4Page - CML Microcircuits EV9902A Datasheet HTML 5Page - CML Microcircuits EV9902A Datasheet HTML 6Page - CML Microcircuits EV9902A Datasheet HTML 7Page - CML Microcircuits EV9902A Datasheet HTML 8Page - CML Microcircuits EV9902A Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
CML Microcircuits
COMMUNICATION SEMICONDUCTORS
EV9902
Interface Kit
User Manual
UM9902/3 July 2009
Provisional Issue
Features
• Provides Immediate Evaluation and
Experimentation with the CMX990 via the
EV9900A EvKit
• Calculates the Register Values to
Control the CMX990 PLLs and Bit
Rate for the User
• Performs the Transfer of Single Mobitex or
Custom Frames Over a RF Link
• Measures Bit Error Rate
performance in Mobitex or raw
data modes
1.
Brief Description
The EV9902 Interface Kit forms part of the CMX990 GMSK Packet Data Modem and RF Transceiver IC
evaluation and investigation resource. The EV9902 Interface Kit provides a graphical user interface (GUI)
for the EV9900A (CMX990) EvKit. The EV9902 is supplied as a Hyperstone hyBoard-XS evaluation
board plus an interface card, together with GUI software for a PC. This kit connects simply to a Windows-
based PC via a standard USB cable. The connection to the EV9900A EvKit is via the supplied ribbon
cable.
The supplied ES9902 GUI software allows users to directly write to and read from the CMX990 registers
and perform real-time tasks for Mobitex or free-format frame transfers live over a RF link. The GUI
software will calculate the CMX990 register values required to generate the user’s desired PLL
frequencies and bit rates. The hyBoard-XS evaluation board is supplied pre-loaded with firmware that
allows the real-time operations to be performed. Please note that this kit is not suitable for use with the
EV9900 EvKit. Users requiring support for this older kit should contact techsupport@cmlmicro.com.
©
CML Microsystems Plc
2009


Similar Part No. - EV9902A

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
EV9902 CMLMICRO-EV9902 Datasheet
112Kb / 1P
The Product Data Amendment series of documents
More results

Similar Description - EV9902A

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS21372 DALLAS-DS21372 Datasheet
214Kb / 21P
3.3V Bit Error Rate Tester BERT
DS2172 DALLAS-DS2172 Datasheet
213Kb / 21P
Bit Error Rate Tester BERT
logo
fujitsu semiconductor
MB1426 FUJITSU-MB1426 Datasheet
734Kb / 15P
16 BIT ERROR CHECKING & CORRECTION
logo
Agilent(Hewlett-Packard...
N2101B HP-N2101B Datasheet
255Kb / 4P
Bit Error Ratio Tester
logo
Texas Instruments
TLC5540 TI1-TLC5540_14 Datasheet
879Kb / 24P
8-Bit Resolution Differential Linearity Error Integral Linearity Error
logo
Union Semiconductor, In...
UM488 UNIONSEMI-UM488_15 Datasheet
363Kb / 17P
Enhanced Slew-Rate Limiting Facilitates Error-Free Data Transmission
logo
TEKTRONIX, INC.
BSX TEKTRONIX-BSX Datasheet
1Mb / 38P
Bit Error Rate Tester
logo
Maxim Integrated Produc...
MAX17135EVKIT MAXIM-MAX17135EVKIT Datasheet
2Mb / 12P
Measures Remote Diode Temperature
Rev 1; 1/12
DS2172 MAXIM-DS2172 Datasheet
180Kb / 22P
Bit Error Rate Tester (BERT)
101000
DS21372 MAXIM-DS21372 Datasheet
180Kb / 22P
3.3V Bit Error Rate Tester (BERT)
101000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com