Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV9902A Datasheet(PDF) 21 Page - CML Microcircuits

Part # EV9902A
Description  Measures Bit Error Rate
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV9902A Datasheet(HTML) 21 Page - CML Microcircuits

Back Button EV9902A Datasheet HTML 15Page - CML Microcircuits EV9902A Datasheet HTML 16Page - CML Microcircuits EV9902A Datasheet HTML 17Page - CML Microcircuits EV9902A Datasheet HTML 18Page - CML Microcircuits EV9902A Datasheet HTML 19Page - CML Microcircuits EV9902A Datasheet HTML 20Page - CML Microcircuits EV9902A Datasheet HTML 21Page - CML Microcircuits EV9902A Datasheet HTML 22Page - CML Microcircuits EV9902A Datasheet HTML 23Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Interface Kit for EV9900A
EV9902
©
CML Microsystems Plc
21
2009
UM9902/3
7.
Performance Specification
7.1.
Electrical Performance
7.1.1.
Absolute Maximum Ratings
Exceeding these maximum ratings can result in damage to the Evaluation Kit.
Min.
Max.
Units
hyBoard Supply (VCC - GND)
0.0
5.5
V
Voltage on any connector pin (excluding power supply pins)
to GND / VSS
-0.3
+3.6
V
Current into or out of hyBoard VCC and GND pins
0.0
2.0
A
Current into or out of any other connector pin
(excluding power supply pins)
-20
+20
mA
7.1.2.
Operating Limits
Correct operation of the Evaluation Kit outside these limits is not implied.
Notes
Min.
Max.
Units
Supply (VCC - GND)
4.75
5.25
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com