Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV9902A Datasheet(PDF) 13 Page - CML Microcircuits

Part # EV9902A
Description  Measures Bit Error Rate
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV9902A Datasheet(HTML) 13 Page - CML Microcircuits

Back Button EV9902A Datasheet HTML 9Page - CML Microcircuits EV9902A Datasheet HTML 10Page - CML Microcircuits EV9902A Datasheet HTML 11Page - CML Microcircuits EV9902A Datasheet HTML 12Page - CML Microcircuits EV9902A Datasheet HTML 13Page - CML Microcircuits EV9902A Datasheet HTML 14Page - CML Microcircuits EV9902A Datasheet HTML 15Page - CML Microcircuits EV9902A Datasheet HTML 16Page - CML Microcircuits EV9902A Datasheet HTML 17Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Interface Kit for EV9900A
EV9902
Figure 6 – The PLL Registers Tab
To calculate the value of the Clock Control register to generate a desired bit rate:
1.
Enter the reference clock frequency, in MHz, which for the default configuration of the
EV9900A is 14.4MHz
2.
Enter the desired bit rate, in bps
3.
Click the ‘Calculate Reg Value’ button
The value displayed for Clock Control register will then be updated to that required to generate
the desired bit rate. A pop-up window will appear, if the desired bit rate can not be generated by
the CMX990 with the current reference clock frequency. It may be possible to achieve the
desired bit rate by adjusting the reference clock frequency, see the CMX990 and EV9900A
datasheets for more information.
6.1.5.
The Modem Transfers Tab
The Modem Transfers tab allows the EV9900A to transmit or receive single frames over a RF link,
see Figure 7. Two different types of frames can be transferred:
Mobitex Frames consisting of a Mobitex frame header followed by 0-32 Mobitex 240 bit
data block(s)
Unformatted data frames consisting of a small header (16 bits of bit synchronisation and
16 bits of frame synchronisation) followed by 0-255 byte(s).
©
CML Microsystems Plc
13
2009
UM9902/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com