Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV9902A Datasheet(PDF) 20 Page - CML Microcircuits

Part # EV9902A
Description  Measures Bit Error Rate
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV9902A Datasheet(HTML) 20 Page - CML Microcircuits

Back Button EV9902A Datasheet HTML 15Page - CML Microcircuits EV9902A Datasheet HTML 16Page - CML Microcircuits EV9902A Datasheet HTML 17Page - CML Microcircuits EV9902A Datasheet HTML 18Page - CML Microcircuits EV9902A Datasheet HTML 19Page - CML Microcircuits EV9902A Datasheet HTML 20Page - CML Microcircuits EV9902A Datasheet HTML 21Page - CML Microcircuits EV9902A Datasheet HTML 22Page - CML Microcircuits EV9902A Datasheet HTML 23Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Interface Kit for EV9900A
EV9902
©
CML Microsystems Plc
20
2009
UM9902/3
6.3.
Hardware Description
The EV9902 kit contains two boards: the hyBoard-XS and the EV9902 Interface Card. These are
intended for use with the EV9900A Evaluation Kit only. For a detailed description of the EV9900A
Evaluation Kit and the hyBoard-XS hardware, please refer to the relevant datasheet.
The EV9902 Interface Card allows communication between the EV9900A and hyBoard-XS to
occur. It connects the EV9900A parallel interface to the hyBoard-XS, address and data buses,
and provides the necessary signals for successful communication.
6.4.
Troubleshooting
The CMX990 is a complex RF and Baseband system. If incorrectly programmed or modified,
results will be at variance from those expected. Please study the CMX990 and EV9900A
datasheets, this manual and the associated schematics and layout drawings carefully when
troubleshooting.
Error Observed
Possible Cause
Remedy
The ES9902 application is
unable to establish a connection
to the hyBoard-XS and the LED,
LED6, is off.
1 - Bad USB connection
2 – Firmware is not
running
Check the USB cable is
connected properly at both the
PC and hyBoard-XS.
Ensure the USB cable is
certified to the USB
specifications
Check the hyBoard-XS jumper
settings against those in Table 2
and cycle the power supply
The EV9900A is not behaving as
expected
1 – Bad connection
between the hyBoard-XS
and the EV9900A
2 – Device setup issue
Check the EV9902 Interface
Card connections
Please refer to the CMX990 and
EV9900A datasheets
Table 3 – Possible Errors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com