Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV9902A Datasheet(PDF) 14 Page - CML Microcircuits

Part # EV9902A
Description  Measures Bit Error Rate
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV9902A Datasheet(HTML) 14 Page - CML Microcircuits

Back Button EV9902A Datasheet HTML 10Page - CML Microcircuits EV9902A Datasheet HTML 11Page - CML Microcircuits EV9902A Datasheet HTML 12Page - CML Microcircuits EV9902A Datasheet HTML 13Page - CML Microcircuits EV9902A Datasheet HTML 14Page - CML Microcircuits EV9902A Datasheet HTML 15Page - CML Microcircuits EV9902A Datasheet HTML 16Page - CML Microcircuits EV9902A Datasheet HTML 17Page - CML Microcircuits EV9902A Datasheet HTML 18Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Interface Kit for EV9900A
EV9902
Figure 7 – The Modem Transfers Tab
To transmit or receive a frame:
1.
Enter the bit synchronisation and frame synchronisation words, in hexadecimal
2.
Select the type of the frame data, Mobitex or Unformatted
3.
Enter the frame’s data size as the number of Mobitex data blocks or bytes, for Mobitex
frame data or Unformatted frame data, respectively
4.
When transmitting, the frame data is loaded from a file, by clicking the ‘Load Data” button
and selecting the file. Any type of file can be used, the raw data from it will be sent as the
data blocks/bytes of the frame. For transmission of Mobitex frames only, it is also
necessary to enter the control bytes, in hexadecimal, to transmit.
5.
Start the frame transfer by clicking the ‘Start’ button, which will then become the ‘Stop’
button
A pop-up window will appear once the frame transfer has completed. The data received by a
receive operation can be saved to a file by clicking the ‘Save Data’ button. When the frame
transfer is being performed the other tabs can not be selected. The frame transfer can be halted
by clicking the ‘Stop’ button. The bit synchronisation, frame synchronisation and control bytes are
all transferred in the order bit 7 of the MSB to bit 0 of the LSB.
When the ‘Use Default Settings’ option is selected, each time a frame transfer is performed the
CMX990 is reset and loaded with the default values required to perform the transfer. When the
‘Use Displayed Settings’ option is selected the CMX990 is still reset but the following registers are
set to the current values displayed by the application and not the default values:
©
CML Microsystems Plc
14
2009
UM9902/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com