Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX019 Datasheet(PDF) 5 Page - CML Microcircuits

Part # MX019
Description  Output Mute Function
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX019 Datasheet(HTML) 5 Page - CML Microcircuits

  MX019 Datasheet HTML 1Page - CML Microcircuits MX019 Datasheet HTML 2Page - CML Microcircuits MX019 Datasheet HTML 3Page - CML Microcircuits MX019 Datasheet HTML 4Page - CML Microcircuits MX019 Datasheet HTML 5Page - CML Microcircuits MX019 Datasheet HTML 6Page - CML Microcircuits MX019 Datasheet HTML 7Page - CML Microcircuits MX019 Datasheet HTML 8Page - CML Microcircuits MX019 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Quad Digital Control Amplifier
5
MX019
1998 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc. # 20480077.006
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies
3. External Components
V
DD
V
DD
C 6
C 1
C 2
C 3
C 4
C 5
V
SS
V
BIAS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SERIAL CLOCK INPUT
CONTROL DATA INPUT
CHIP ADDRESS
CHANNEL 1 OUTPUT
CHANNEL 2 OUTPUT
CHANNEL 3 OUTPUT
CHANNEL 4 OUTPUT
CHANNEL 1 INPUT
CHANNEL 2 INPUT
CHANNEL 3 INPUT
CHANNEL 4 INPUT
LOAD/LATCH
LOAD/LATCH
MX019J
C1 to C4
0.1µF
± 20%
C5
1.0µF
± 20%
C6
1.0µF
± 20%
Figure 2: Recommended External Components
Notes:
1.
Channel Amplifiers 1 to 4 are inverting amplifiers.
2.
Analog input capacitors C1 to C4 are only required for AC input signals, DC input signals do not
require these components.
4. General Description
4.1 Control Data and Timing
The gain of each amplifier block (Channel 1 to Channel 4) in the MX019 is set by a separate 8-bit data word
(bit 7 to bit 0). This 8-bit word, consisting of 4 Address bits (bit 7 to bit 4) and 4 Gain Control bits (bit 3 to bit
0), is loaded to the Control Data Input in serial format using the external data clock.
4.1.1 Data Loading
The 8-bit data word is loaded bit 7 first and bit 0 last.
Bit 7 must be a logic “1” to address the chip.
If bit 7 in the word is a logic “0” that 8-bit word will not be executed. The Chip Address input permits the use of
two devices in a system by indicating to the chip what its address is, a “1” or a “0.” Bit 6 in the address section
of the control word is then used to select which device is being controlled. Figure 3 shows the timing
information required to load and operate this device.
Data is loaded to the MX019 on the rising edge of the Serial Clock. Loaded data is executed on the falling
(rising) edge of the Load/ Latch ( Load /Latch) pulse.
Table 1 shows the format of each 4-bit Address word, Table 2 shows the format of each Gain Control word
with Figure 3 describing the data loading operation and timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com