Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX019 Datasheet(PDF) 1 Page - CML Microcircuits

Part # MX019
Description  Output Mute Function
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX019 Datasheet(HTML) 1 Page - CML Microcircuits

  MX019 Datasheet HTML 1Page - CML Microcircuits MX019 Datasheet HTML 2Page - CML Microcircuits MX019 Datasheet HTML 3Page - CML Microcircuits MX019 Datasheet HTML 4Page - CML Microcircuits MX019 Datasheet HTML 5Page - CML Microcircuits MX019 Datasheet HTML 6Page - CML Microcircuits MX019 Datasheet HTML 7Page - CML Microcircuits MX019 Datasheet HTML 8Page - CML Microcircuits MX019 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DATA BULLETIN
MX019
1998 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc. # 20480077.006
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies
Quad Digital Control Amplifier
FEATURES
APPLICATIONS
 4 Digitally Controlled Amplifiers
 15 Gain/Attenuation Steps
 3 Amplifiers
± 3dB Range in 0.43dB Steps
 1 'Volume' Amplifier
±14dB Range in 2dB Steps
 8-Bit Serial Data Control
 Output Mute Function
 Gain Control Applications
Audio
Data
 Telecommunications, Radio, & Industrial
Applications
2
3
3
3
4
4
SERIAL
DATA
INPUT
LOAD/LATCH
LOAD/LATCH
CHIP
ADDRESS
1
1
2
2
Ch1
Ch2
Ch4
Ch3
V
DD
V
BIAS
SERIAL
CLOCK
INPUT
VSS
8-BIT
SERIAL
DATA
INPUT
CONTROLLED
AUDIO
OUTPUT
LINES
VOLUME
The MX019 Digitally Adjustable Amplifier Array replaces trimmer potentiometers and volume controls in
Cellular, LMR, Telephony and Communication applications where voice or data signals need adjustment.
The MX019 is a single-chip LSI consisting of four digitally controlled amplifier stages, each with 15 distinct
gain/attenuation steps. Control of each individual amplifier is by an 8-bit serial data stream. Three of the
amplifier stages offer a
3dB range in steps of 0.43dB, while the remaining amplifier offers a 14dB range in
steps of 2dB, and is suggested for volume control applications. Each amplifier includes a 16th 'Off' state
which, when applied, mutes the output audio from that channel. This array uses a Chip Select input to select
one of two MX019s in a system. The MX019 uses the host microprocessor to digitally control the set-up of all
audio levels during development, production/calibration, and operation. Such applications include:
1. Control, adjustment, and set-up of communications equipment by an Intelligent ATE without manual
intervention – eg. Deviation, Microphone and L/S Levels, RX Audio Level etc.
2. Automatic Dynamic Compensation of drift caused by variations in temperature, linearity, etc.
3. Fully automated servicing and re-alignment.
The MX019 is a low-power, single 5-volt CMOS device available in 24-pin TSSOP (MX019TN), 16-pin SOIC
(MX019DW), 16-pin CDIP (MX019J) and 16-pin PDIP (MX019P) package versions.


Similar Part No. - MX019

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
MX01 INOLUX-MX01 Datasheet
5Mb / 1P
Flexible, easy to use linear Fabric LED can be integrated with clothing products, outdoor equipment and other accessories.
logo
CML Microcircuits
MX014 CMLMICRO-MX014 Datasheet
200Kb / 12P
Voice Band inverter
logo
Integrated Device Techn...
MX0141VA0 IDT-MX0141VA0 Datasheet
205Kb / 6P
1:4 High-Speed / Low-Speed Multiplexer Pair
MX0141VA0AVG IDT-MX0141VA0AVG Datasheet
205Kb / 6P
1:4 High-Speed / Low-Speed Multiplexer Pair
MX0141VA0AVG8 IDT-MX0141VA0AVG8 Datasheet
205Kb / 6P
1:4 High-Speed / Low-Speed Multiplexer Pair
More results

Similar Description - MX019

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5294P MITSUBISHI-M5294P Datasheet
235Kb / 7P
SYSTEM RESET IC WITH LOW INPUT-OUTPUT VOLTAGE DIFFERENTIAL TYPE -5V REGURATOR,AND 3.0V REGULATOR FOR MUTE FUNCTION
logo
New Japan Radio
NJM2174 NJRC-NJM2174 Datasheet
96Kb / 3P
AUDIO LINE AMPLIFIER with MUTE FUNCTION
NJM2790 NJRC-NJM2790 Datasheet
37Kb / 3P
AUDIO LINE AMPLIFIER with MUTE FUNCTION
logo
Rohm
BA4915-V11 ROHM-BA4915-V11 Datasheet
270Kb / 6P
System Power Supply with MUTE Function
logo
Renesas Technology Corp
M5294P RENESAS-M5294P Datasheet
2Mb / 8P
SYSTEM RESET IC WITH LOW INPUT-OUTPUT VOLTAGE DIFFERNTIAL TYPE 5V REGURATOR, AND 3.0V REGULATOR FOR MUTE FUNCTION
logo
CML Microcircuits
FX019 CMLMICRO-FX019 Datasheet
108Kb / 7P
Output Mute Function
logo
Texas Instruments
TLV320AIC1109 TI1-TLV320AIC1109_14 Datasheet
371Kb / 28P
Earphone Mute and Microphone Mute
logo
AVAGO TECHNOLOGIES LIMI...
ACCL-9410 AVAGO-ACCL-9410 Datasheet
499Kb / 9P
Output enable function
logo
New Japan Radio
NJM2174V-TE2 NJRC-NJM2174V-TE2 Datasheet
40Kb / 5P
AUDIO LINE AMPLIFIER with MUTE FUNCTION
logo
Schneider Electric
XPSLCMUT1160 SCHNEIDER-XPSLCMUT1160 Datasheet
104Kb / 2P
Module XPSLC - Monitoring mute function safety light curtain - type2, type4
Jan 19, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com