Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX019 Datasheet(PDF) 8 Page - CML Microcircuits

Part # MX019
Description  Output Mute Function
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX019 Datasheet(HTML) 8 Page - CML Microcircuits

Back Button MX019 Datasheet HTML 4Page - CML Microcircuits MX019 Datasheet HTML 5Page - CML Microcircuits MX019 Datasheet HTML 6Page - CML Microcircuits MX019 Datasheet HTML 7Page - CML Microcircuits MX019 Datasheet HTML 8Page - CML Microcircuits MX019 Datasheet HTML 9Page - CML Microcircuits MX019 Datasheet HTML 10Page - CML Microcircuits MX019 Datasheet HTML 11Page - CML Microcircuits MX019 Datasheet HTML 12Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Quad Digital Control Amplifier
8
MX019
1998 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc. # 20480077.006
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies
5. Application
To avoid excess noise and instability you should take note of the following:
1. A noisy or badly regulated power supply can cause instability and/or variance of selected gains.
2. Care should be taken on the design and layout of the printed circuit board.
3. All external components (Figure 2) should be kept close to the MX019 package.
4. Inputs and outputs should be shielded wherever possible.
5. Tracks should be kept short.
6. Analog tracks should not run parallel to digital tracks.
7. A "Ground Plane" connected to VSS will assist in eliminating external pick-up on the channel input and
output pins.
8. Do not run high-level output tracks close to low-level input tracks.
6. Performance Specification
6.1 Electrical Performance
6.1.1 Absolute Maximum Ratings
Exceeding these maximum ratings can result in damage to the device.
General
Min.
Max.
Units
Supply Voltage
-0.3
7.0
V
Input Voltage at any pin (ref VSS = 0V)
-0.3
(VDD + 0.3)
V
Current
VDD
±30
mA
VSS
±30
mA
Any other pins
±20
mA
J/P/DW Packages
Total Device Dissipation @ TAMB 25°C
800
mW
Derating above 25°C
10
mW/°C above 25°C
TN Packages
Total Device Dissipation @ TAMB 25°C
500
mW
Derating above 25°C
9
mW/°C above 25°C
Operating Temperature
-40
85
°C
Storage Temperature
-55
125
°C
6.1.2 Operating Limits
Correct operation of the device outside these limits is not implied.
Min.
Typ.
Max.
Units
VDD
4.5
5.0
5.5
V
Operating Temperature
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com