Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX019 Datasheet(PDF) 11 Page - CML Microcircuits

Part # MX019
Description  Output Mute Function
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX019 Datasheet(HTML) 11 Page - CML Microcircuits

Back Button MX019 Datasheet HTML 5Page - CML Microcircuits MX019 Datasheet HTML 6Page - CML Microcircuits MX019 Datasheet HTML 7Page - CML Microcircuits MX019 Datasheet HTML 8Page - CML Microcircuits MX019 Datasheet HTML 9Page - CML Microcircuits MX019 Datasheet HTML 10Page - CML Microcircuits MX019 Datasheet HTML 11Page - CML Microcircuits MX019 Datasheet HTML 12Page - CML Microcircuits MX019 Datasheet HTML 13Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Quad Digital Control Amplifier
11
MX019
1998 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc. # 20480077.006
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies
PIN 1
A
B
ALTERNATIVE
PIN
LOCATION
MARKING
X
P
J
Y
C
K
H
E
L
T
W
Z
NOTE : All dimensions in inches (mm.)
Angles are in degrees
Package Tolerances
A
B
C
E
H
TYP.
MAX.
MIN.
DIM.
J
P
X
W
T
Y
K
L
0.105 (2.67)
0.093 (2.36)
0.419 (10.64)
45°
7°
0°
10°
0.050 (1.27)
0.041 (1.04)
0.413 (10.49)
0.299 (7.59)
0.050 (1.27)
0.016 (0.41)
0.390 (9.90)
0.020 (0.51)
0.003 (0.08)
0.009 (0.23)
0.0125 (0.32)
0.013 (0.33)
0.020 (0.51)
0.395 (10.03)
0.286 (7.26)
Z
5°
5°
Figure 6: 16-pin SOIC Mechanical Outline: Order as part no. MX019DW
Package Tolerances
NOTE : All dimensions in inches (mm.)
Angles are in degrees
TYP.
MAX.
MIN.
A
B
C
E
E1
H
DIM.
J
J1
P
Y
T
K
L
0.200 (5.06)
0.262 (6.63)
0.390 (9.91).
7°
0.150 (3.81)
0.810 (20.57)
0.135 (3.43)
0.100 (2.54)
0.121 (3.07)
0.300 (7.62)
0.290 (7.37)
0.325 (8.26)
0.015 (0.38)
0.070 (1.77)
0.008 (0.20)
0.015 (0.38)
0.014 (0.35)
0.023 (0.58)
0.040 (1.02)
0.065 (1.65)
0.056 (1.42)
0.064 (1.63)
0.740 (18.80)
0.240 (6.10)
B
A
PIN 1
E
Y
E1
T
K
H
J1
J
C
P
L
Figure 7: 16-pin PDIP Mechanical Outline: Order as part no. MX019P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com