Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX019 Datasheet(PDF) 9 Page - CML Microcircuits

Part # MX019
Description  Output Mute Function
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX019 Datasheet(HTML) 9 Page - CML Microcircuits

Back Button MX019 Datasheet HTML 5Page - CML Microcircuits MX019 Datasheet HTML 6Page - CML Microcircuits MX019 Datasheet HTML 7Page - CML Microcircuits MX019 Datasheet HTML 8Page - CML Microcircuits MX019 Datasheet HTML 9Page - CML Microcircuits MX019 Datasheet HTML 10Page - CML Microcircuits MX019 Datasheet HTML 11Page - CML Microcircuits MX019 Datasheet HTML 12Page - CML Microcircuits MX019 Datasheet HTML 13Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Quad Digital Control Amplifier
9
MX019
1998 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc. # 20480077.006
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies
6.1.3 Operating Characteristics
For the following conditions unless otherwise specified:
VDD = 5.0V, TAMB = 25°C
Audio Level 0dB ref. = 775mVRMS, Amplifier Gain Set = 0dB
Notes
Min.
Typ.
Max
Units
Static Values
Supply Current
1.5
mA
Dynamic Values
Control Functions
Input Logic '1'
3.5
V
Input Logic '0'
1.5
V
Digital Input Impedances
0.5
1.0
M

Amplifier Stages (General)
Bandwidth (-3dB)
20.0
kHz
Output Impedance
1.0
k

Total Harmonic Distortion
1
0.35
0.5
%
Output Noise Level (per stage)
2
180.0
400.0
µVRMS
Onset of Clipping
3
1.73
VRMS
Gain Variation
4
0.1
dB
Interstage Isolation
60.0
dB
“Trimmer” Stages (Ch1 – Ch3)
Gain
-3.0
+3.0
dB
Gain per Step (15 in No.)
0.43
dB
Step Error
0.2
dB
Input Impedance
100.0
k

“Volume” Stage (Ch4)
Gain
-14.0
+14.0
dB
Gain per Step (15 in No.)
2.0
dB
Step Error
0.4
dB
Input Impedance
50.0
k

Operating Characteristics Notes:
1.
Gain Set 0dB, Input Level 1kHz -3.0dB (549mVrms).
2.
With an a.c short-circuit input, measured in a 30kHz bandwidth.
3.
See Figure 4.
4.
Over the temperature and supply voltage range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com