Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX019 Datasheet(PDF) 7 Page - CML Microcircuits

Part # MX019
Description  Output Mute Function
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX019 Datasheet(HTML) 7 Page - CML Microcircuits

Back Button MX019 Datasheet HTML 3Page - CML Microcircuits MX019 Datasheet HTML 4Page - CML Microcircuits MX019 Datasheet HTML 5Page - CML Microcircuits MX019 Datasheet HTML 6Page - CML Microcircuits MX019 Datasheet HTML 7Page - CML Microcircuits MX019 Datasheet HTML 8Page - CML Microcircuits MX019 Datasheet HTML 9Page - CML Microcircuits MX019 Datasheet HTML 10Page - CML Microcircuits MX019 Datasheet HTML 11Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Quad Digital Control Amplifier
7
MX019
1998 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc. # 20480077.006
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies
4.1.2 Timing
Timing (Figure 3)
Min.
Typ.
Max.
Units
Serial Clock "High" Pulse Width
(tPWH)
250
ns
Serial Clock "Low" Pulse Width
(tPWL)
250
ns
Data Set-up Time
(tDS)
150
ns
Data Hold Time
(tDH)
50.0
ns
Load/Latch Pulse Width
(tLLW)
150
ns
Load/Latch Delay
(tLLD)
200
ns
Load/Latch Over
(tLLO)0.0
ns
Serial Data Clock Frequency
2.0
MHz
SERIAL
DATA
CLOCK
t
PWL
tPWH
tDS
Loaded
Last
Logic
'1'
Loaded
First
BIT
7
BIT
6 BIT 1
BIT
0
t
DH
SERIAL
DATA
IN
(ONE
8-BIT WORD)
t LLO
8th
Clock
Pulse
Next
Clock
Pulse
t LLD
tLLW
LOAD/LATCH
LOAD/LATCH
Figure 3: Serial Control Data Loading Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com