Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX019 Datasheet(PDF) 6 Page - CML Microcircuits

Part # MX019
Description  Output Mute Function
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX019 Datasheet(HTML) 6 Page - CML Microcircuits

Back Button MX019 Datasheet HTML 2Page - CML Microcircuits MX019 Datasheet HTML 3Page - CML Microcircuits MX019 Datasheet HTML 4Page - CML Microcircuits MX019 Datasheet HTML 5Page - CML Microcircuits MX019 Datasheet HTML 6Page - CML Microcircuits MX019 Datasheet HTML 7Page - CML Microcircuits MX019 Datasheet HTML 8Page - CML Microcircuits MX019 Datasheet HTML 9Page - CML Microcircuits MX019 Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Quad Digital Control Amplifier
6
MX019
1998 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc. # 20480077.006
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies
Bit 7
MSB
Bit 6
Bit 5
Bit 4
LSB
Channel
Address
Chip
Address
Chip
Number
1
1
1
1
0
0
0
0
0
0
1
1
0
1
0
1
1
2
3
4
0
0
0
0
Chip 1
1
1
1
1
1
1
1
1
0
0
1
1
0
1
0
1
1
2
3
4
1
1
1
1
Chip 2
Table 1: Address Bits Format
Bit 3
MSB
Bit2
Bit 1
Bit 0
LSB
Stage 1, 2, 3
(0.43dB)
Stage 4
(2.0dB)
0000
OFF
OFF
0001
-3.0
-14.0dB
0010
-2.571
-12.0
0011
-2.143
-10.0
0100
-1.714
-8.0
0101
-1.286
-6.0
0110
-0.857
-4.0
0111
-0.428
-2.0
1000
0
0
1001
0.428
2.0
1010
0.857
4.0
1011
1.286
6.0
1100
1.714
8.0
1101
2.143
10.0
1110
2.571
12.0
1111
3.0
14.0
Table 2: Gain Control Bits Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com