Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV5053 Datasheet(PDF) 6 Page - Texas Instruments

Part # DRV5053
Description  DRV5053 Analog-Bipolar Hall Effect Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV5053 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV5053_15 Datasheet HTML 2Page - Texas Instruments DRV5053_15 Datasheet HTML 3Page - Texas Instruments DRV5053_15 Datasheet HTML 4Page - Texas Instruments DRV5053_15 Datasheet HTML 5Page - Texas Instruments DRV5053_15 Datasheet HTML 6Page - Texas Instruments DRV5053_15 Datasheet HTML 7Page - Texas Instruments DRV5053_15 Datasheet HTML 8Page - Texas Instruments DRV5053_15 Datasheet HTML 9Page - Texas Instruments DRV5053_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
DRV5053
SLIS153B – MAY 2014 – REVISED SEPTEMBER 2014
www.ti.com
Magnetic Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT(1)
DRV5053RA: –45 mV/mT
VCC = 3.3 V
S
Sensitivity
–70
–45
–20
mV/mT
TA = –40°C ~ 125°C
VCC = 3.3 V; ROUT = 10 kΩ;
VN
Output-referred noise(5)
COUT = 50 pF
26
mVpp
TA = –40°C ~ 125°C
VCC = 3.3 V
BSAT
Input saturation field
18
mT
TA = –40°C ~ 125°C
DRV5053VA: –90 mV/mT
VCC = 3.3 V
S
Sensitivity
–140
–90
–45
mV/mT
TA = –40°C ~ 125°C
VCC = 3.3 V; ROUT = 10 kΩ;
VN
Output-referred noise(5)
COUT = 50 pF
52
mVpp
TA = –40°C ~ 125°C
VCC = 3.3 V
BSAT
Input saturation field
9
mT
TA = –40°C ~ 125°C
DRV5053CA: 23 mV/mT
VCC = 3.3 V
S
Sensitivity
10
23
35
mV/mT
TA = –40°C ~ 125°C
VCC = 3.3 V; ROUT = 10 kΩ;
VN
Output-referred noise(5)
COUT = 50 pF
13
mVpp
TA = –40°C ~ 125°C
VCC = 3.3 V
BSAT
Input saturation field
35
mT
TA = –40°C ~ 125°C
DRV5053EA: 45 mV/mT
VCC = 3.3 V
S
Sensitivity
20
45
70
mV/mT
TA = –40°C ~ 125°C
VCC = 3.3 V; ROUT = 10 kΩ;
VN
Output-referred noise(5)
COUT = 50 pF
26
mVpp
TA = –40°C ~ 125°C
VCC = 3.3 V
BSAT
Input saturation field
18
mT
TA = –40°C ~ 125°C
(5)
Not tested in production; limits are based on characterization data.
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: DRV5053



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com