Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV5053 Datasheet(PDF) 10 Page - Texas Instruments

Part # DRV5053
Description  DRV5053 Analog-Bipolar Hall Effect Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV5053 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV5053_15 Datasheet HTML 6Page - Texas Instruments DRV5053_15 Datasheet HTML 7Page - Texas Instruments DRV5053_15 Datasheet HTML 8Page - Texas Instruments DRV5053_15 Datasheet HTML 9Page - Texas Instruments DRV5053_15 Datasheet HTML 10Page - Texas Instruments DRV5053_15 Datasheet HTML 11Page - Texas Instruments DRV5053_15 Datasheet HTML 12Page - Texas Instruments DRV5053_15 Datasheet HTML 13Page - Texas Instruments DRV5053_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
VCC
Case #2
B (mT)
t (s)
OUT
t (s)
tON
BSAT
-BSAT
t (s)
Invalid Output
Valid Output
10%
VCC
Case #1
BSAT
-BSAT
t (s)
B (mT)
t (s)
t (s)
OUT
tON
Invalid Output
Valid Output
90%
DRV5053
SLIS153B – MAY 2014 – REVISED SEPTEMBER 2014
www.ti.com
Feature Description (continued)
8.3.3 Power-On Time
After applying VCC to the DRV5053 device, ton must elapse before OUT is valid. Figure 10 shows Case 1 and
Figure 11 shows case 2; the output is defined assuming a negative sensitivity device and a constant magnetic
field –BSAT < B < BSAT.
Figure 10. Case 1: Power On When B < 0, North
Figure 11. Case 2: Power On When B > 0, South
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: DRV5053



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com