Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV5053 Datasheet(PDF) 12 Page - Texas Instruments

Part # DRV5053
Description  DRV5053 Analog-Bipolar Hall Effect Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV5053 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DRV5053_15 Datasheet HTML 8Page - Texas Instruments DRV5053_15 Datasheet HTML 9Page - Texas Instruments DRV5053_15 Datasheet HTML 10Page - Texas Instruments DRV5053_15 Datasheet HTML 11Page - Texas Instruments DRV5053_15 Datasheet HTML 12Page - Texas Instruments DRV5053_15 Datasheet HTML 13Page - Texas Instruments DRV5053_15 Datasheet HTML 14Page - Texas Instruments DRV5053_15 Datasheet HTML 15Page - Texas Instruments DRV5053_15 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
2
1
3
C1
0.01 µF
(minimum)
OUT
VCC
VCC
DRV5053
SLIS153B – MAY 2014 – REVISED SEPTEMBER 2014
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The DRV5053 device is used in magnetic-field sensing applications.
9.2 Typical Applications
9.2.1 Typical Application With No Filter
Figure 12. Typical Application Schematic – No Filter
9.2.1.1 Design Requirements
For this design example, use the parameters listed in Table 1 as the input parameters.
Table 1. Design Parameters
DESIGN PARAMETER
REFERENCE
EXAMPLE VALUE
System bandwidth
ƒBW
15 kHz
9.2.1.2 Detailed Design Procedure
The DRV5053 has internal filtering that limits the bandwidth to at least 20 kHz. For this application no external
components are required other than the C1 bypass capacitor, which is 0.01 µF minimum. If the analog output
OUT is tied to a microcontroller ADC input, the equivalent load must be R > 10 k
Ω and C < 10 nF.
Table 2. External Components
COMPONENT
PIN 1
PIN 2
RECOMMENDED
C1
VCC
GND
A 0.01-µF (minimum) ceramic capacitor rated for VCC
12
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: DRV5053



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com