Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV5053 Datasheet(PDF) 3 Page - Texas Instruments

Part # DRV5053
Description  DRV5053 Analog-Bipolar Hall Effect Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV5053 Datasheet(HTML) 3 Page - Texas Instruments

  DRV5053_15 Datasheet HTML 1Page - Texas Instruments DRV5053_15 Datasheet HTML 2Page - Texas Instruments DRV5053_15 Datasheet HTML 3Page - Texas Instruments DRV5053_15 Datasheet HTML 4Page - Texas Instruments DRV5053_15 Datasheet HTML 5Page - Texas Instruments DRV5053_15 Datasheet HTML 6Page - Texas Instruments DRV5053_15 Datasheet HTML 7Page - Texas Instruments DRV5053_15 Datasheet HTML 8Page - Texas Instruments DRV5053_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1
2
3
V
CC
GND
OUT
3
2
GND
OUT
1
VCC
DRV5053
www.ti.com
SLIS153B – MAY 2014 – REVISED SEPTEMBER 2014
6 Pin Configuration and Functions
For additional configuration information, see Device Markings and Mechanical, Packaging, and Orderable
Information.
3-Pin SOT-23
3-Pin SIP
DBZ Package
LPG Package
(Top View)
(Top View)
Pin Functions
PIN
NUMBER
TYPE
DESCRIPTION
NAME
DBZ
LPG
GND
3
2
GND
Ground pin
2.5 to 38 V power supply. Bypass this pin to the GND pin with a 0.01-
μF (minimum)
VCC
1
1
Power
ceramic capacitor rated for VCC.
OUT
2
3
Output
Hall sensor analog output. 1 V output corresponds to B = 0 mT
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DRV5053



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com