Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV5053 Datasheet(PDF) 11 Page - Texas Instruments

Part # DRV5053
Description  DRV5053 Analog-Bipolar Hall Effect Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV5053 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV5053_15 Datasheet HTML 7Page - Texas Instruments DRV5053_15 Datasheet HTML 8Page - Texas Instruments DRV5053_15 Datasheet HTML 9Page - Texas Instruments DRV5053_15 Datasheet HTML 10Page - Texas Instruments DRV5053_15 Datasheet HTML 11Page - Texas Instruments DRV5053_15 Datasheet HTML 12Page - Texas Instruments DRV5053_15 Datasheet HTML 13Page - Texas Instruments DRV5053_15 Datasheet HTML 14Page - Texas Instruments DRV5053_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
DRV5053
www.ti.com
SLIS153B – MAY 2014 – REVISED SEPTEMBER 2014
Feature Description (continued)
8.3.4 Output Stage
The DRV5053 output stage is capable of up to 300 µA of current source or 2.3 mA sink.
For proper operation, ensure that equivalent output load ROUT > 10 k
Ω. In addition, ensure that the load
capacitance COUT < 10 nF.
8.3.5 Protection Circuits
An analog current limit circuit limits the current through the output driver. The driver current will be clamped to
IOCP
8.3.5.1 Overcurrent Protection (OCP)
An analog current-limit circuit limits the current through the FET. The driver current is clamped to IOCP. During
this clamping, the rDS(on) of the output FET is increased from the nominal value.
8.3.5.2 Load Dump Protection
The DRV5053 device operates at DC VCC conditions up to 38 V nominally, and can additionally withstand VCC =
40 V. No current-limiting series resistor is required for this protection.
8.3.5.3 Reverse Supply Protection
The DRV5053 device is protected in the event that the VCC pin and the GND pin are reversed (up to –22 V).
NOTE
In a reverse supply condition, the OUT pin reverse-current must not exceed the ratings
specified in the Absolute Maximum Ratings.
FAULT
CONDITION
DEVICE
DESCRIPTION
RECOVERY
FET overload (OCP)
ISINK ≥ IOCP
Operating
Output current is clamped to IOCP
IO < IOCP
Load Dump
38 V < VCC < 40 V
Operating
Device will operate for a transient duration
VCC ≤ 38 V
Reverse Supply
–22 V < VCC < 0 V
Disabled
Device will survive this condition
VCC ≥ 2.5 V
8.4 Device Functional Modes
The DRV5053 device is active only when VCC is between 2.5 and 38 V.
When a reverse supply condition exists, the device is inactive.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DRV5053



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com