Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV5053 Datasheet(PDF) 14 Page - Texas Instruments

Part # DRV5053
Description  DRV5053 Analog-Bipolar Hall Effect Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV5053 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DRV5053_15 Datasheet HTML 10Page - Texas Instruments DRV5053_15 Datasheet HTML 11Page - Texas Instruments DRV5053_15 Datasheet HTML 12Page - Texas Instruments DRV5053_15 Datasheet HTML 13Page - Texas Instruments DRV5053_15 Datasheet HTML 14Page - Texas Instruments DRV5053_15 Datasheet HTML 15Page - Texas Instruments DRV5053_15 Datasheet HTML 16Page - Texas Instruments DRV5053_15 Datasheet HTML 17Page - Texas Instruments DRV5053_15 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Frequency (Hz)
100
200
500 1000 2000
5000 10000
100000
-14
-12
-10
-8
-6
-4
-2
0
D011
1
2
1
10 kHz
2
R
C
p ´
´
DRV5053
SLIS153B – MAY 2014 – REVISED SEPTEMBER 2014
www.ti.com
9.2.2.2 Detailed Design Procedure
In this example we will add an external RC filter in order to reduce the output bandwidth.
In order to preserve the signal at the frequencies of interest, we will conservatively select a low-pass filter
bandwidth (–3-dB point) at twice the system bandwidth (10 kHz).
(1)
If we guess R1 = 10 k
Ω, then C2 < 1590 pF. So we select C2 = 1500 pF.
9.2.2.3 Application Curves
R1 = 10-k
Ω pullup
C2 = 680 pF
Figure 15. 5-kHz Switching Magnetic Field
Figure 16. Low-Pass Filtering
10 Power Supply Recommendations
The DRV5053 device is designed to operate from an input voltage supply (VM) range between 2.5 and 38 V. A
0.01-µF (minimum) ceramic capacitor rated for VCC must be placed as close to the DRV5053 device as possible.
14
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: DRV5053



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com